Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MFP Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # MFP
Description  Flameproof Power Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

MFP Datasheet(HTML) 1 Page - Welwyn Components Limited

  MFP Datasheet HTML 1Page - Welwyn Components Limited MFP Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flameproof Power
Metal Film Resistors
MFP Series
• Smallest size for power rating
• Resistance range 0.1 ohms to 1M ohms
• Flameproof protection
MFP1
MFP2
Power rating at 70°C
watts
<1
Ω: 0.7
>=1
Ω: 1.0
2
Resistance range
ohms
0R1 – 1M
1R0 – 1M
Limiting element voltage
volts
350
TCR
ppm/°C
< 1
Ω: 300 1 Ω - 9.1 Ω: 200 ≥10 Ω: 50
100
Resistance tolerance
%
1, 2, 5
Standard values
E24 preferred
Thermal impedance
°C/watt
120
82
Ambient temperature range
°C
-55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue D · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
143
Marking
Resistors are colour coded with 4 or 5 bands depending on
value and tolerance. IEC 62 colours are used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistor coating will not burn or emit incandescent
particles under any condition of applied temperature or
power overload.
Construction
The resistance element is a precisely controlled thin film of
metal alloy on a high purity ceramic core, protected by a
cement coating applied so that terminations remain
completely clear. This permits a well defined body length
(clean lead to clean lead dimension L).
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
Wt.nom
MFP1
6.2
2.5
21.0
0.6
10.2
0.6
0.3
MFP2
10.0
4.0
27.0
0.8
18.4
1.2
0.55
Physical Data
L
D
f
d


Similar Part No. - MFP

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
MFP TTELEC-MFP Datasheet
331Kb / 2P
Smallest size for power rating
logo
YAGEO Corporation
MFP YAGEO-MFP Datasheet
634Kb / 13P
Through Hole Resistors
July 14, 2022 V.1
MFP-12 YAGEO-MFP-12 Datasheet
634Kb / 13P
Through Hole Resistors
July 14, 2022 V.1
MFP-12ABA YAGEO-MFP-12ABA Datasheet
634Kb / 13P
Through Hole Resistors
July 14, 2022 V.1
MFP-12ABB YAGEO-MFP-12ABB Datasheet
634Kb / 13P
Through Hole Resistors
July 14, 2022 V.1
More results

Similar Description - MFP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
02-Feb-06
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
Flameproof Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
05-Oct-05
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com