Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952906A Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS952906A
Description  Programmable Timing Control Hub for Next Gen P4??processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952906A Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS952906A Datasheet HTML 8Page - Integrated Circuit Systems ICS952906A Datasheet HTML 9Page - Integrated Circuit Systems ICS952906A Datasheet HTML 10Page - Integrated Circuit Systems ICS952906A Datasheet HTML 11Page - Integrated Circuit Systems ICS952906A Datasheet HTML 12Page - Integrated Circuit Systems ICS952906A Datasheet HTML 13Page - Integrated Circuit Systems ICS952906A Datasheet HTML 14Page - Integrated Circuit Systems ICS952906A Datasheet HTML 15Page - Integrated Circuit Systems ICS952906A Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
I
2C Table: VCO Frequency Control Register
Control
Function
Bit 7
N Div8
N Divider Prog bit 8
RW
X
Bit 6
M Div6
RW
X
Bit 5
M Div5
RW
X
Bit 4
M Div4
RW
X
Bit 3
M Div3
RW
X
Bit 2
M Div2
RW
X
Bit 1
M Div1
RW
X
Bit 0
M Div0
RW
X
I
2C Table: VCO Frequency Control Register
Control
Function
Bit 7
N Div7
RW
X
Bit 6
N Div6
RW
X
Bit 5
N Div5
RW
X
Bit 4
N Div4
RW
X
Bit 3
N Div3
RW
X
Bit 2
N Div2
RW
X
Bit 1
N Div1
RW
X
Bit 0
N Div0
RW
X
I
2C Table: Spread Spectrum Control Register
Control
Function
Bit 7
SSP7
RW
X
Bit 6
SSP6
RW
X
Bit 5
SSP5
RW
X
Bit 4
SSP4
RW
X
Bit 3
SSP3
RW
X
Bit 2
SSP2
RW
X
Bit 1
SSP1
RW
X
Bit 0
SSP0
RW
X
I
2C Table: Spread Spectrum Control Register
Control
Function
Bit 7
Reserved
Reserved
R
0
Bit 6
Reserved
Reserved
R
0
Bit 5
SSP13
RW
X
Bit 4
SSP12
RW
X
Bit 3
SSP11
RW
X
Bit 2
SSP10
RW
X
Bit 1
SSP9
RW
X
Bit 0
SSP8
RW
X
01
-
01
PWD
0
These Spread Spectrum bits in Byte 13
and 14 will program the spread
pecentage. It is recommended to use
ICS Spread % table for spread
programming.
These Spread Spectrum bits in Byte 13
and 14 will program the spread
pecentage. It is recommended to use
ICS Spread % table for spread
programming.
01
--
-
The decimal representation of M and N
Divier in Byte 11 and 12 will configure the
VCO frequency. Default at power up =
latch-in or Byte 0 Rom table. VCO
Frequency = 14.318 x [NDiv(8:0)+8] /
[MDiv(6:0)+2]
1
The decimal representation of M and N
Divier in Byte 11 and 12 will configure the
VCO frequency. Default at power up =
latch-in or Byte 0 Rom table. VCO
Frequency = 14.318 x [NDiv(8:0)+8] /
[MDiv(6:0)+2]
-
-
Spread Spectrum
Programming b(13:8)
-
-
-
-
-
PWD
-
Byte 14
Pin #
Name
Type
PWD
-
Spread Spectrum
Programming b(7:0)
-
-
-
-
-
-
-
Name
Type
-
-
Byte 13
Pin #
PWD
-
N Divider
Programming b(8:0)
-
-
-
-
-
Byte 12
Pin #
Name
Type
-
M Divider
Programming bits
-
-
-
-
-
-
-
Byte 11
Pin #
Name
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com