Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952906A Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS952906A
Description  Programmable Timing Control Hub for Next Gen P4??processor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952906A Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS952906A Datasheet HTML 5Page - Integrated Circuit Systems ICS952906A Datasheet HTML 6Page - Integrated Circuit Systems ICS952906A Datasheet HTML 7Page - Integrated Circuit Systems ICS952906A Datasheet HTML 8Page - Integrated Circuit Systems ICS952906A Datasheet HTML 9Page - Integrated Circuit Systems ICS952906A Datasheet HTML 10Page - Integrated Circuit Systems ICS952906A Datasheet HTML 11Page - Integrated Circuit Systems ICS952906A Datasheet HTML 12Page - Integrated Circuit Systems ICS952906A Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Integrated
Circuit
Systems, Inc.
ICS952906A
1236A—08/06/07
I
2C Table: Frequency Select Register
Control
Function
Bit 7
FS Source
Frequency H/W IIC
Select
RW
0
Bit 6
FS6
Freq Select Bit 6
RW
0
Bit 5
FS5
Freq Select Bit 5
RW
0
Bit 4
FS4
Freq Select Bit 4
RW
0
Bit 3
FS3
Freq Select Bit 3
RW
0
Bit 2
FS2
Freq Select Bit 2
RW
0
Bit 1
FS1
Freq Select Bit 1
RW
0
Bit 0
FS0
Freq Select Bit 0
RW
0
I
2C Table: Spreading and Device Behavior Control Register
Control
Function
Bit 7
SS1
Spread Select 1**
RW
0
Bit 6
SS0
Spread Select 0**
RW
1
Bit 5
SS_EN
Spread Enable Control
RW
1
Bit 4
WDS_EN
WD Soft Reset Enable
RW
0
Bit 3
Reserved
Reserved
RW
1
Bit 2
CPUCLKT/C_ITP,
CPU1T/C, CPU0T/C
Output Control
RW
1
Bit 1
CPUCLKT/C_1
Output Control
RW
1
Bit 0
CPUCLKT/C_0
Output Control
RW
1
I
2C Table: Output Control Register
Control
Function
Bit 7
25MHz_0
Output Control
RW
1
Bit 6
25MHz_1
Output Control
RW
1
Bit 5
CPUT Stop Mode
0: CPUT Driven during
PD#; 1: Tri-stated
RW
0
Bit 4
Reserved
Reserved
RW
1
Bit 3
3V66_1
Output Control
RW
1
Bit 2
Reserved
Reserved
RW
1
Bit 1
CPUCLKT/C_1
Output Stop Control
RW
1
Bit 0
CPUCLKT/C_0
Output Stop Control
RW
1
I
2C Table: Output Control Register
Control
Function
Bit 7
ASEL1
3V66/PCI Freq Select
RW
0
Bit 6
PCICLK6
Output Control
RW
1
Bit 5
PCICLK5
Output Control
RW
1
Bit 4
PCICLK4
Output Control
RW
1
Bit 3
PCICLK3
Output Control
RW
1
Bit 2
PCICLK2
Output Control
RW
1
Bit 1
PCICLK1
Output Control
RW
1
Bit 0
PCICLK0
Output Control
RW
1
Disable
Enable
See Table 5: Async AGP/PCI Freq Table
Disable
Enable
Disable
Enable
Disable
Enable
Disable
Enable
Disable
Enable
Free Run
Stoppable
Disable
Enable
--
Free Run
Stoppable
Disable
Enable
Disable
Enable
--
Disable
Enable
Driven
Hi-Z
Disable
Enable
Disable
Disable
Enable
Enable
ON
OFF
--
01 = 0.25%
Reserved
PWD
-
Byte 3
Pin #
Name
Type
0
1
36
35
26
-
42,41
39, 38
20
Type
PWD
39, 38
Byte 2
Pin #
Name
0
1
** Spread program m ing only applies for ROM table entries 0001000 to 0001011 and 0010000 to 0010111
-
-
45, 44
42,41
ON
OFF
-
PWD
-
-
Byte 1
Pin #
Name
Type
00 = 0.20%
10 = 0.35%
-
-
See Table 1: QuadRom Frequency
Selection Table
01
PWD
-
Byte 0
Pin #
Name
Type
Latch Inputs
IIC
01
-
-
-
-
-
19
16
15
14
13
12
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com