Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9DB102YGLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS9DB102YGLFT
Description  2 Output PCI Express Buffer with CLKREQ Function
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9DB102YGLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS9DB102YGLFT Datasheet HTML 1Page - Integrated Device Technology ICS9DB102YGLFT Datasheet HTML 2Page - Integrated Device Technology ICS9DB102YGLFT Datasheet HTML 3Page - Integrated Device Technology ICS9DB102YGLFT Datasheet HTML 4Page - Integrated Device Technology ICS9DB102YGLFT Datasheet HTML 5Page - Integrated Device Technology ICS9DB102YGLFT Datasheet HTML 6Page - Integrated Device Technology ICS9DB102YGLFT Datasheet HTML 7Page - Integrated Device Technology ICS9DB102YGLFT Datasheet HTML 8Page - Integrated Device Technology ICS9DB102YGLFT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
ICS9DB102
IDTTM/ICSTM
2 Output Express* Buffer with CLKREQ# Function
ICS9DB102
REV F
08/06/07
2 Output PCI Express* Buffer with CLKREQ# Function
DATASHEET
1
SPREAD
COMPATIBLE
PLL
CONTROL
LOGIC
SMBDAT
SMBCLK
CLK_INT
C LK_IN C
PLL_BW
IREF
PCIEX0
PCIEX1
CLKREQ1#
CLKREQ0#
Description
Output Features
1-to-2 Zero-delay or fanout buffer for PCI Express.The
ICS9DB102 zero-delay buffer supports PCI Express clocking
requirements. The ICS9DB102 is driven by a differential SRC
output pair from an ICS CK409/CK410-compliant main clock
generator such as the ICS952601 or ICS954101. It attenuates
jitter on the input clock and has a selectable PLL Band Width to
maximize performance in systems with or without Spread-
Spectrum clocking.
•
2 - 0.7V current mode differential output pairs (HSCL)
Funtional Block Diagram
Key Specifications
•
Cycle-to-cycle jitter < 35ps
•
Output-to-output skew < 25ps
Features/Benefits
•
CLKREQ# pin for outputs 1 and 4/output enable for Express
Card applications
•
PLL or bypass mode/PLL can dejitter incoming clock
•
Selectable PLL bandwidth/minimizes jitter peaking in
downstream PLL’s
•
Spread Spectrum Compatible/tracks spreading input clock
for low EMI
•
SMBus Interface/unused outputs can be disabled


Similar Part No. - ICS9DB102YGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB102 ICST-ICS9DB102 Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
logo
Renesas Technology Corp
ICS9DB102 RENESAS-ICS9DB102 Datasheet
301Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
2019
ICS9DB102 RENESAS-ICS9DB102 Datasheet
267Kb / 14P
Two Output Differential Buffer for PCIe Gen1 & Gen2
REV Q 08/27/13
logo
Integrated Circuit Syst...
ICS9DB102FLFT ICST-ICS9DB102FLFT Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
ICS9DB102GLFT ICST-ICS9DB102GLFT Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
More results

Similar Description - ICS9DB102YGLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9DB108 ICST-ICS9DB108 Datasheet
109Kb / 15P
Eight Output Differential Buffer for PCI-Express
ICS9DB104 ICST-ICS9DB104 Datasheet
105Kb / 13P
Four Output Differential Buffer for PCI-Express
ICS9DB106 ICST-ICS9DB106 Datasheet
118Kb / 9P
6 Output PCI Express Buffer with CLKREQ Function
ICS9DB102 ICST-ICS9DB102 Datasheet
127Kb / 10P
2 Output PCI Express Buffer with CLKREQ Function
ICS9DB401 ICST-ICS9DB401 Datasheet
163Kb / 16P
Four Output Differential Buffer for PCI Express
logo
Integrated Device Techn...
ICS9DB401C IDT-ICS9DB401C Datasheet
244Kb / 17P
Four Output Differential Buffer for PCI Express
logo
Renesas Technology Corp
9DB401C RENESAS-9DB401C Datasheet
321Kb / 18P
Four Output Differential Buffer for PCI Express
1/27/11
ICS9DB104 RENESAS-ICS9DB104 Datasheet
326Kb / 15P
Four Output Differential Buffer for PCI-Express
2019
ICS9DB108 RENESAS-ICS9DB108 Datasheet
334Kb / 17P
Eight Output Differential Buffer for PCI-Express
2019
ICS9DBL411A RENESAS-ICS9DBL411A Datasheet
228Kb / 10P
Four Output Differential Fanout Buffer for PCI Express Gen 1 & 2
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com