Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS621MILF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # ICS621MILF
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS621MILF Datasheet(HTML) 5 Page - Integrated Device Technology

  ICS621MILF Datasheet HTML 1Page - Integrated Device Technology ICS621MILF Datasheet HTML 2Page - Integrated Device Technology ICS621MILF Datasheet HTML 3Page - Integrated Device Technology ICS621MILF Datasheet HTML 4Page - Integrated Device Technology ICS621MILF Datasheet HTML 5Page - Integrated Device Technology ICS621MILF Datasheet HTML 6Page - Integrated Device Technology ICS621MILF Datasheet HTML 7Page - Integrated Device Technology ICS621MILF Datasheet HTML 8Page - Integrated Device Technology ICS621MILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ICS621
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
5
ICS621
REV B 030907
AC Electrical Characteristics
VDD = 1.2 V ±5%
, Ambient Temperature -40 to +85
°C or 0 to +70°C, unless stated otherwise
VDD = 1.5 V ±5%
, Ambient Temperature -40 to +85
°C or 0 to +70°C, unless stated otherwise
VDD = 1.8 V ±5%
, Ambient Temperature -40 to +85
°C or 0 to +70°C, unless stated otherwise
Notes: 1. With rail to rail input clock
2. Between any 2 outputs with equal loading.
3. Measured with a 15 pF load.
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
100
MHz
Output Rise Time
tOR
20% to 80%, Note 3
1.0
1.5
ns
Output Fall Time
tOF
80% to 20%, Note 3
1.0
1.5
ns
Propagation Delay
Note 1
2.2
3
5
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
±150
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
166
MHz
Output Rise Time
tOR
20% to 80%, Note 3
1.0
1.5
ns
Output Fall Time
tOF
80% to 20%, Note 3
1.0
1.5
ns
Propagation Delay
Note 1
2.2
3
5
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
±150
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
200
MHz
Output Rise Time
tOR
20% to 80%, Note 3
1.0
1.5
ns
Output Fall Time
tOF
80% to 20%, Note 3
1.0
1.5
ns
Propagation Delay
Note 1
2.2
3
5
ns
Output to Output Skew
Note 2
Rising edges at VDD/2
0
±150
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
150
°C/W
θ
JA
1 m/s air flow
140
°C/W
θ
JA
3 m/s air flow
120
°C/W
Thermal Resistance Junction to Case
θ
JC
40
°C/W
Case Temperature
120
°C
Thermal Resistance Junction to Top
of Case
ΨJT
Still air
20
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com