Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS621MILF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS621MILF
Description  LOW SKEW 1 TO 4 CLOCK BUFFER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS621MILF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS621MILF Datasheet HTML 2Page - Integrated Device Technology ICS621MILF Datasheet HTML 3Page - Integrated Device Technology ICS621MILF Datasheet HTML 4Page - Integrated Device Technology ICS621MILF Datasheet HTML 5Page - Integrated Device Technology ICS621MILF Datasheet HTML 6Page - Integrated Device Technology ICS621MILF Datasheet HTML 7Page - Integrated Device Technology ICS621MILF Datasheet HTML 8Page - Integrated Device Technology ICS621MILF Datasheet HTML 9Page - Integrated Device Technology ICS621MILF Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ICS621
LOW SKEW 1 TO 4 CLOCK BUFFER
FAN OUT BUFFER
IDT™ / ICS™ LOW SKEW 1 TO 4 CLOCK BUFFER
6
ICS621
REV B 030907
Package Outline and Package Dimensions (8-pin DFN 2x2mm, 0.5mm pitch)
Package dimensions are kept current with JEDEC Publication No. 95,
Millimeters
Symbol
Min
Max
A
0.80
1.00
A1
0
0.05
A3
0.20 Reference
b
0.20
0.30
N8
ND
4
NE
0
D
2.00 BASIC
E
2.00 BASIC
e
0.50 BASIC
D2
1.05
1.25
E2
0.45
0.65
L
0.20
0.40
aaa
0.15
bbb
0.10
ccc
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com