Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9227 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9227
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9227 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9227 Datasheet HTML 17Page - Integrated Device Technology STAC9227 Datasheet HTML 18Page - Integrated Device Technology STAC9227 Datasheet HTML 19Page - Integrated Device Technology STAC9227 Datasheet HTML 20Page - Integrated Device Technology STAC9227 Datasheet HTML 21Page - Integrated Device Technology STAC9227 Datasheet HTML 22Page - Integrated Device Technology STAC9227 Datasheet HTML 23Page - Integrated Device Technology STAC9227 Datasheet HTML 24Page - Integrated Device Technology STAC9227 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 237 page
background image
STAC9227/9228/9229/9230
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
21
STAC9227/9228/9229/9230V 1.0 MARCH 2007
IDT CONFIDENTIAL
1.
Ratio of Full Scale signal to noise output with -60dB signal, measured “A weighted” over a 20 Hz to a 20 KHz
bandwidth.
2.
± 3dB limits for Line Output & 0 dB gain, at -20dBV
3.
Amplitude of THD+N, measured with A-weighting filter, over 20 Hz to 20 KHz bandwidth.
4.
Ratio of Full Scale signal to idle channel noise output is measured “A weighted” over a 20 Hz to a 20 KHz
bandwidth. (AES17-1991 Idle Channel Noise or EIAJ CP-307 Signal-to-noise Ratio).
5.
Peak-to-Peak Ripple over Passband meets ± 0.25dB limits, 48 KHz Sample Frequency.
6.
Stop Band rejection determines filter requirements. Out-of-Band rejection determines audible noise.
7.
The integrated Out-of-Band noise generated by the DAC process, during normal PCM audio playback, over a
bandwidth 28.8 to 100 KHz, with respect to a 1 Vrms DAC output.
8.
Can be set to 0.5 or 0.8 AVdd.
VREFout (Note 8)
All
-
0.5 X
AVdd
-V
VREFILT (VAG)
All
0.45 X
AVdd
V
Phased Locked Loop
PLL lock time
All
96
200
µsec
PLL (or Azalia Bit CLK) 24 MHz
clock jitter
All
150
500
psec
Digital to Analog Converters
Resolution
All
24
Bits
SNR - DAC to All Line-Out Ports
(Note 4)
Analog Mixer Disabled, PCM
data
5 V
4.5 V
4.0 V
3.3 V
105
101
100
98
dB
THD+N - DAC to All Line-Out
Ports
(Note 3)
Analog Mixer Disabled, -3dB
Signal, PCM data
5 V
4.5 V
4.0 V
3.3 V
90
88
86
84
dB
SNR - DAC to All Line-Out Ports
(Note 4)
Analog Mixer Enabled, PCM
data
5 V
4.5 V
4.0 V
3.3 V
90
88
87
85
dB
THD+N - DAC to All Line-Out
Ports
(Note 3)
Analog Mixer Enabled, -3dB
Signal, PCM data
5 V
4.5 V
4.0 V
3.3 V
80
78
77
75
dB
Dynamic Range: DAC to All Line
Out Ports
(Note2)
-60dB signal level
5 V
4.5 V
4.0 V
3.3 V
-
95
93
92
90
-dB
SNR - DAC to All Headphone
Ports (Note 4)
Analog Mixer Disabled, 10K
Ω
load, PCM data
5 V
4.5 V
4.0 V
3.3 V
105
101
100
98
dB
Parameter
Conditions
AVdd
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com