Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9227 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # STAC9227
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9227 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button STAC9227 Datasheet HTML 35Page - Integrated Device Technology STAC9227 Datasheet HTML 36Page - Integrated Device Technology STAC9227 Datasheet HTML 37Page - Integrated Device Technology STAC9227 Datasheet HTML 38Page - Integrated Device Technology STAC9227 Datasheet HTML 39Page - Integrated Device Technology STAC9227 Datasheet HTML 40Page - Integrated Device Technology STAC9227 Datasheet HTML 41Page - Integrated Device Technology STAC9227 Datasheet HTML 42Page - Integrated Device Technology STAC9227 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 237 page
background image
STAC9227/9228/9229/9230
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
39
STAC9227/9228/9229/9230V 1.0 MARCH 2007
IDT CONFIDENTIAL
6.2.5.
AFG PCMCap
Table 21. AFG PCMCap
Command Verb Format
Verb ID
Payload
Response
Get
F00
0A
See bitfield table.
Table 22. AFG PCMCap
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:21]
Rsvd2
R
0x0
Reserved
[20]
B32
R
0x0
32 bit audio formats are NOT supported
[19]
B24
R
0x1
24 bit audio formats are supported
[18]
B20
R
0x1
20 bit audio formats are supported
[17]
B16
R
0x1
16 bit audio formats are supported
[16]
B8
R
0x0
8 bit audio formats are NOT supported
[15:12]
Rsvd1
R
0x0
Reserved
[11]
R12
R
0x0
384 KHz rate (8/1*48 KHz) NOT supported
[10]
R11
R
0x1
192.0 KHz rate (4/1*48 KHz) supported
[9]
R10
R
0x1
176.4 KHz rate (4/1*44.1 KHz) supported
[8]
R9
R
0x1
96.0 KHz rate (2/1*48 KHz) supported
[7]
R8
R
0x1
88.2 KHz rate (2/1*44.1 KHz) supported
[6]
R7
R
0x1
48.0 KHz rate supported (REQUIRED)
[5]
R6
R
0x1
44.1 KHz rate supported
[4]
R5
R
0x0
32.0 KHz rate (2/3*48 KHz) supported
[3]
R4
R
0x0
22.05 KHz rate (1/2*44.1 KHz) supported
[2]
R3
R
0x0
16.0 KHz rate (1/3*48 KHz) supported
[1]
R2
R
0x0
11.025 KHz rate (1/4*44.0 KHz) supported
[0]
R1
R
0x0
8.0 KHz rate (1/6*48 KHz) supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com