Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KG512AB8W9 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M65KG512AB8W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB8W9 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M65KG512AB8W9 Datasheet HTML 9Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 10Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 11Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 12Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 13Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 14Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 15Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 16Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
M65KG526AB
Commands
13/54
3.3
Bank(Row) Activate command (ACT)
The Bank(Row) Activate command is used to switch a row in a specific bank of the device
from the Idle to the active mode. The bank is selected by BA0 and BA1 and the row by A0 to
A12 (see Table 2: Bank selection using BA0-BA1).
This command is initiated by driving KE High, VIH, with E and RAS Low, VIL, and CAS and W
High.
A minimum delay of tRCD is required after issuing the Bank (Row) Activate command prior to
initiating Read and Write operations from and to the active bank.
A minimum time of tRC is required between two Bank(Row) Activate commands to the same
bank (see Figure 9: Consecutive Bank(Row) Activate command).
3.4
Read command (READ)
The Read command is used to read from the memory array in Burst Read mode. In this
mode, data is output in bursts synchronized with the cross points of the clock signals, K and
K.
The start address of the Burst Read is determined by the column address, A0 to A12, and
the bank address, BA0-BA1, at the beginning of the Burst Read operation. A valid Read
command is initiated by driving E and CAS Low, VIL, and W and RAS High, VIH.
3.5
Read with Auto Precharge command (READA)
This command is identical to the Read command except that a precharge is automatically
performed at the end of the Read operation. The precharge starts tRPD (Burst Length/2
clock periods) after the Read with Auto Precharge command is input.
A tRAS(min) delay elapses between the Bank (Row) Activate and the Auto Precharge
commands. This lock-out mechanism allows a Read with auto Precharge command to be
issued to a bank that has been activated (opened) but has not yet satisfied the tRAS(min)
requirement.
The DDR LPSDRAM supports the Concurrent Auto Precharge mode: a Read with auto-
precharge can be followed by any command to another active bank, as long as that
command does not interrupt the read data transfer, and that all other related limitations
apply (e.g. contention between read data and written data must be avoided). Table 4:
Minimum delay between two commands in concurrent Auto Precharge Mode shows the
minimum delays between a Read with Auto Precharge command to one bank and a
command to a different bank.
Refer to Figure 13 for a description of Read operation with Auto Precharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com