Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M65KG512AB8W9 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M65KG512AB8W9
Description  512Mbit (4 banks x 8 Mb x 16) 1.8 V supply, DDR low power SDRAM
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M65KG512AB8W9 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M65KG512AB8W9 Datasheet HTML 35Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 36Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 37Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 38Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 39Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 40Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 41Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 42Page - STMicroelectronics M65KG512AB8W9 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
M65KG526AB
DC and ac parameters
39/54
Figure 17.
Write followed by Write in a different bank
1.
If the consecutive Write operation targets an active row, the second WRIT command must be issued after a minimum delay
of tCK to interrupt the previous Write operation.
2.
If the consecutive Write operation targets an idle row, precharge the bank (PRE) without interrupting the previous Write
operation. tRP after the PRE command, issue the ACT command. The consecutive WRIT command can be issued tRCD
after the ACT command.
Figure 18.
Write operation with Auto Precharge
ACT
ACT
NOP
Command
K
K
DIA0 DIA1
UDQS/
LDQS
DQ0-DQ15
DIB0 DIB1
ai11208b
Note: 1. Burst Length = 4
Row 0
Address
BA0-BA1
NOP
Row 1
DIB2
Bank A
Active
Data Read from
Bank A
Data Read from
Bank D
DIB3
WRIT
WRIT
NOP
Column A Column B
Bank D
Active
tRCD
ACT
NOP
WRITEA
NOP
Command
K
K
DI0 DI1
UDQS, LDQS
DQ0-DQ15
DI2 DI3
ai10587c
Note: Burst Length = 4
tWPD
tRCD
ACT
UDQM, LDQM
tRP
tRAS(min)
Start of
Internal
Auto Precharge cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com