Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3-33RG Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # SC3-33RG
Description  High Power Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SC3-33RG Datasheet(HTML) 2 Page - Welwyn Components Limited

  SC3-33RG Datasheet HTML 1Page - Welwyn Components Limited SC3-33RG Datasheet HTML 2Page - Welwyn Components Limited SC3-33RG Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Power
Chip Resistors
SC3 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue A · 03.02
Welwyn Components
85
Typical
Load at rated power: 1000 hours at 70˚C MIL-PRF-55342
1
%
R
Overload: 6.25 x rated power for 2 seconds MIL-PRF-55342
5
.
0
%
R
High temperature exposure: MIL-PRF-55342
5
.
0
%
R
Low temperature operation: MIL-PRF-55342
5
.
0
%
R
Low temperature storage: -65˚C, 100 hours
5
.
0
%
R
Moisture: MIL-PRF-55342
5
.
0
%
R
Temperature cycling: MIL-STD-883 Method 1010 Test condition B
5
2
.
0
%
R
Thermal shock: MIL-STD-202 Method 107 condition B -65˚C +125˚C
R%
0.25
Resistance to solder heat: MIL-STD-202 Method 210
5
2
.
0
%
R
Shelf life test: 12 months at room temperature
1
.
0
%
R
Leach resistance: molten solder 250˚C
90 Seconds min.
Performance Data
Temperature Rise vs Pad Area
Construction
Resistive thick film material, overglaze and organic protection
are screen printed on a 96% alumina substrate. The
components are laser trimmed to achieve the required
resistance tolerance.
Terminations
The wrap-around copper terminations have an electroplated
nickel barrier and tin-lead solder coating, this ensures
excellent ‘leach’ resistance properties and solderability.
Chips can withstand immersion in solder at 250˚C for 90
seconds and are suitable for reflow or wave soldering
mounting applications.
Marking
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Chips are packed and mounted with marking side up.
The SC3 Chips are mounted with the actual resistor element
mounted face down on its termination pads.
1000
100
10
100mm2
300mm2
1000mm2
Termination Pad Area (each end)
1 watt
2 watt
3 watt
Pulse Power Rating
100
10
1
0
.
0
1
0
.
1
1
.
0
Time (sec)
The wrap-around terminations have an electroplated nickel
barrier and matte tin finish. This ensures
excellent ‘leach’ resistance properties and solderability.
Issue B · 01.07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com