Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3-33RG Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # SC3-33RG
Description  High Power Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SC3-33RG Datasheet(HTML) 3 Page - Welwyn Components Limited

  SC3-33RG Datasheet HTML 1Page - Welwyn Components Limited SC3-33RG Datasheet HTML 2Page - Welwyn Components Limited SC3-33RG Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Type
SC3
-
33R
F
Resistance value
(IEC62 code)
Tolerance
(IEC62 code)
High Power
Chip Resistors
SC3 Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue A · 03.02
Welwyn Components
86
Packaging
LRF3W Resistors are supplied taped and reeled as per IEC 286-3. The standard quantity per reel is 1800 parts.
Tape dimensions in mm
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
nom
±0.15
LRF3W
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
F
1%
G
2%
J
5%
Ordering Procedure
Specify type reference etc. as shown in this example of
2.5 ± 0.5
13 ± 0.5
33 ± 1.0
Marking
(Both sides)
0.8 ± 0.15
13 ± 0.5mm
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
SC3 Resistors are supplied taped and reeled as per IEC 286-3. The standard quantity per reel is 1800 parts.
SC3
SC3 at 33 1%
Issue B · 01.07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com