Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6F-BKB Datasheet(PDF) 9 Page - Cree LED

Part # CLX6F-BKB
Description  CLX6F-BKB: PLCC6 3 IN 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLX6F-BKB Datasheet(HTML) 9 Page - Cree LED

Back Button CLX6F-BKB Datasheet HTML 2Page - Cree LED CLX6F-BKB Datasheet HTML 3Page - Cree LED CLX6F-BKB Datasheet HTML 4Page - Cree LED CLX6F-BKB Datasheet HTML 5Page - Cree LED CLX6F-BKB Datasheet HTML 6Page - Cree LED CLX6F-BKB Datasheet HTML 7Page - Cree LED CLX6F-BKB Datasheet HTML 8Page - Cree LED CLX6F-BKB Datasheet HTML 9Page - Cree LED CLX6F-BKB Datasheet HTML 10Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CLX6F-BKB: PLCC6 3 IN 1 SMD LED
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1372
REV 5
9
REFLOW SOLDERING
• The CLX6F-BKB is rated as a MSL 5a product.
• The recommended floor life out of bag is 24hrs.
• The temperature profile is as below.
Use only with CLX6F-BKB
Solder
Average ramp-up rate = 4ºC/s max
Preheat temperature = 150ºC ~200ºC
Preheat time = 120s max
Ramp-down rate = 6ºC/s max
Peak temperature = 250ºC max
Time within 5ºC of actual Peak Temperature = 10s max
Duration above 217ºC is 60s max
• The packaging sizes of these SMD products are very small and the resin is still soft after solidification. Users are required to handle
with care. Never touch the resin surface of SMD products.
• To avoid damaging the product’s surface and interior device, it is recommended to choose a special nozzle to pick up the SMD
products during the process of SMT production. If handling is necessary, take special care when picking up these products. The
following method is necessary:
• Please refer to the HB LED Lamp Soldering & Handling document for information about how to use this LED product safely.
Document No.: COTCO-05-0057
Rev. NO.
:
13
6/9
Melting-point
Pre-heat
Soak
Reflow
Cooling
Time
Use all SMD besides LP6-NPP1-01-N1
Solder = Sn63-Pb37
Solder = Lead-free
Average ramp-up rate = 4ºC/s max.
Average ramp-up rate = 4ºC/s max
Preheat temperature = 100ºC ~150ºC
Preheat temperature = 150ºC ~200ºC
Preheat time = 100s max.
Preheat time = 100s max.
Ramp-down rate = 6ºC/s max.
Ramp-down rate = 6ºC/s max.
Peak temperature = 230ºC max.
Peak temperature = 250ºC max.
Time within 5ºC of actual Peak Temperature = 10s max.
Time within 5ºC of actual Peak Temperature = 10s max.
Duration above 183ºC is 80s max.
Duration above 217ºC is 80s max.
Only use LP6-NPP1-01-N1
[13]
Solder = Low Lead-free
Average ramp-up rate = 3ºC/s max.
Preheat temperature = 130ºC ~170ºC
Preheat time = 120s max.
Ramp-down rate = 6ºC/s max.
Peak temperature = 213ºC max.
Time within 3ºC of actual Peak Temperature = 25s max.
Duration above 200ºC is 40s max.
Recommended solder pad design for heat dissipation (2-pin SMD LED):
7.0
2.6
Recommended solder pad design for heat dissipation (4-pin SMD LED)
Document No.: CREE-05-0057
Rev. NO.
:
16
9/9
pick up SMD products during the process of SMT production . If handling is necessary, it should take more
careful to pick up these products. The following two methods are necessary :
Fig. 1a: For Small Top SMD
Fig. 1b: For Mini side 0.8mm SMD
For Small Top SMD series , it is recommended to use rubber material Nozzle to pick up SMD products .Two
figure size for reference :
a.) Circular Nozzle: inner diameter: Ø1.8mm+/-0.05mm, outer diameter: Ø2.3mm+/-0.05mm.
b.) Rectangle Nozzle: inner size: 1.3mm x 2.3mm, outer size > SMD size.
6. Electrostatic Discharge and Surge current
Electrostatic discharge (ESD) or surge current (EOS) may damage SMD LED.
Precautions such as ESD wrist strap, ESD shoe strap or antistatic gloves must be worn whenever handling of SMD LED.
All devices, equipment and machinery must be properly grounded.
It is recommended to perform electrical test to screen out ESD failures at final inspection.
It is important to eliminate the possibility of surge current during circuitry design
7. Heat Management
Heat management of SMD LED must be taken into consideration during the design stage of SMD LED application. The
current should be de-rated appropriately by referring to the de-rating curve attached on each product specification.
Data is subject to change without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com