Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLX6F-BKB Datasheet(PDF) 1 Page - Cree LED

Part # CLX6F-BKB
Description  CLX6F-BKB: PLCC6 3 IN 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLX6F-BKB Datasheet(HTML) 1 Page - Cree LED

  CLX6F-BKB Datasheet HTML 1Page - Cree LED CLX6F-BKB Datasheet HTML 2Page - Cree LED CLX6F-BKB Datasheet HTML 3Page - Cree LED CLX6F-BKB Datasheet HTML 4Page - Cree LED CLX6F-BKB Datasheet HTML 5Page - Cree LED CLX6F-BKB Datasheet HTML 6Page - Cree LED CLX6F-BKB Datasheet HTML 7Page - Cree LED CLX6F-BKB Datasheet HTML 8Page - Cree LED CLX6F-BKB Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT1372
REV 5
1
CLX6F-BKB: PLCC6 3 IN 1 SMD LED
PRODUCT DESCRIPTION
These SMD LEDs are packaged in an
industry standard PLCC6 package. These
high reliability and high brightness LEDs
are designed to work in a wide range of
environmental condition and are ideally
suited for use in illumination applications.
Its wide viewing angle makes these LEDs
ideally suited for channel letter, or general
backlighting and illumination applications.
The flat top emitting surface makes it easy
for these LEDs to mate with light pipes.
FEATURES
• Size (mm): 3.5 x 3.4 x 2.8
• Dominant Wavelength:
Blue (465 - 475nm)
• Luminous Intensity (mcd)
CLX6F-BKB:(1120 - 2240)
• Water-Resistant (IPX8)*
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
• Matte Surface
APPLICATIONS
• Architecture Lighting
• Channel Letter
• Backlight
*:This part is tested under the condition of assembling it on a PCB with isolating the electrical path by silicone.
The leads area of the LED is not IPx8 rated and it’s required to insulate for moisture by customer in outdoor
application.


Similar Part No. - CLX6F-BKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLX6F-BKB CREE-CLX6F-BKB Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-BKB-CP14S3 CREE-CLX6F-BKB-CP14S3 Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
CLX6F-BKB-CPR453 CREE-CLX6F-BKB-CPR453 Datasheet
1Mb / 11P
Cree짰 PLCC6 3 in 1 SMD LED
More results

Similar Description - CLX6F-BKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLP6B-WKW CREE-CLP6B-WKW Datasheet
639Kb / 10P
PLCC6 3-in-1 SMD LED
CLP6C-RKW CREE-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLV6A-FKB CREE-CLV6A-FKB Datasheet
583Kb / 11P
PLCC6 3 in 1 SMD LED
logo
Marktech Corporate
CLP6C-FKB MARKTECH-CLP6C-FKB Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
CLP6C-RKW MARKTECH-CLP6C-RKW Datasheet
493Kb / 8P
PLCC6 3-in-1 SMD LED
CLP6C-FKB MARKTECH-CLP6C-FKB_15 Datasheet
511Kb / 9P
PLCC6 3 in 1 SMD LED
logo
Cree, Inc
CLY6D-FKC CREE-CLY6D-FKC Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
CLV6B-FKB CREE-CLV6B-FKB Datasheet
1Mb / 11P
PLCC6 3-in-1 SMD LED
CLX6A-FKB CREE-CLX6A-FKB Datasheet
1Mb / 11P
PLCC6 3 in 1 SMD LED
CLYBA-FKA CREE-CLYBA-FKA Datasheet
1Mb / 10P
PLCC6 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com