Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4354-PI Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
24
Pin Name
Type
Pin No. Function
CMVFPC
Input
F1
Common H-MVIP Frame Pulse Clock (CMVFPC). The common H-MVIP
frame pulse clock provides the frame pulse clock for operation with 8.192
Mbit/s H-MVIP access.
CMVFPC is used to sample CMVFPB. CMVFPC is nominally a 50% duty
cycle clock with a frequency of 4.096 MHz. The falling edge of CMVFPC
must be aligned with the falling edge of CMV8MCLK with no more than
±10ns skew.
The Transmitter and Receiver streams are independently enabled for H-
MVIP access. When H-MVIP access is enabled, all four Transmitter (or
Receiver) streams are enabled for H-MVIP access. When both the
Transmitter and the Receiver H-MVIP accesses are disabled, CMVFPC is
unused.
Transmit Line Interface
TXTIP1[1]
TXTIP1[2]
TXTIP1[3]
TXTIP1[4]
TXTIP2[1]
TXTIP2[2]
TXTIP2[3]
TXTIP2[4]
Analog
Output
B4
A13
P4
R13
B6
A11
R6
T11
Transmit Analog Positive Pulse (TXTIP1[1:4] and TXTIP2[1:4]). When
the transmit analog line interface is enabled, the TXTIP1[x] and TXTIP2[x]
analog outputs drive the transmit line pulse signal through an external
matching transformer. Both TXTIP1[x] and TXTIP2[x] are normally
connected to the positive lead of the transformer primary. Two outputs are
provided for better signal integrity and must be shorted together on the
board.
After a reset, TXTIP1[x] and TXTIP2[x] are high impedance. The HIGHZ bit
of the quadrant’s XLPG Line Driver Configuration register (addresses 0F0H,
1F0H, 2F0H, 3F0H) must be programmed to logic 0 to remove the high
impedance state.
TXRING1[1]
TXRING1[2]
TXRING1[3]
TXRING1[4]
TXRING2[1]
TXRING2[2]
TXRING2[3]
TXRING2[4]
Analog
Output
A3
C13
R4
T13
D5
B11
N5
R11
Transmit Analog Negative Pulse (TXRING1[1:4] and TXRING2[1:4]).
When the transmit analog line interface is enabled, the TXRING1[x] and
TXRING2[x] analog outputs drive the transmit line pulse signal through an
external matching transformer. Both TXRING1[x] and TXRING2[x] are
normally connected to the negative lead of the transformer primary. Two
outputs are provided for better signal integrity and must be shorted together
on the board.
After a reset, TXRING1[x] and TXRING2[x] are high impedance. The HIGHZ
bit of the quadrant’s XLPG Line Driver Configuration register (addresses
0F0H, 1F0H, 2F0H, 3F0H) must be programmed to logic 0 to remove the
high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com