Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM4354-PI Datasheet(PDF) 42 Page - PMC-Sierra, Inc

Part # PM4354-PI
Description  FOUR CHANNEL COMBINED E1/T1/J1 TRANSCEIVER/FRAMER
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4354-PI Datasheet(HTML) 42 Page - PMC-Sierra, Inc

Back Button PM4354-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 43Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 44Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 45Page - PMC-Sierra, Inc PM4354-PI Datasheet HTML 46Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 463 page
background image
RELEASED
PM4354 COMET-QUAD
DATASHEET
PMC-1990315
ISSUE 6
FOUR CHANNEL COMBINED E1/T1/J1
TRANSCEIVER / FRAMER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC. AND FOR ITS CUSTOMERS’ INTERNAL USE
27
Pin Name
Type
Pin No. Function
Microprocessor Interface
A[0]
A[1]
A[2]
A[3]
A[4]
A[5]
A[6]
A[7]
A[8]
A[9]
A[10]
Input
B13
A14
B14
A15
B15
A16
B16
C15
C16
D16
D15
Address Bus (A[10:0]). This bus selects specific registers during COMET-
QUAD register accesses.
RDB
Input
D14
Active Low Read Enable (RDB). This signal is low during COMET-QUAD
register read accesses. The COMET-QUAD drives the D[7:0] bus with the
contents of the addressed register while RDB and CSB are low.
WRB
Input
E15
Active Low Write Strobe (WRB). This signal is low during a COMET-QUAD
register write access. The D[7:0] bus contents are clocked into the
addressed register on the rising WRB edge while CSB is low.
CSB
Input
E16
Active Low Chip Select (CSB). CSB must be low to enable COMET-QUAD
register accesses. CSB must go high at least once after power up to clear
internal test modes. If CSB is not used, it should be tied to an inverted
version of RSTB, in which case, RDB and WRB determine register
accesses. To ensure normal operation, the RSTB pin should be driven low
and the CSB pin driven high concurrently following power up.
ALE
Input
E14
Address Latch Enable (ALE). This signal is active high and latches the
address bus contents, A[10:0], when low. When ALE is high, the internal
address latches are transparent. ALE allows the COMET-QUAD to interface
to a multiplexed address/data bus. The ALE input has an internal pull up
resistor.
INTB
Output
OD
F15
Active low Open-Drain Interrupt (INTB). This signal goes low when an
unmasked interrupt event is detected on any of the internal interrupt sources.
Note that INTB will remain low until all active, unmasked interrupt sources
are acknowledged at their source at which time, INTB will tristate.
RSTB
Input
E13
Active Low Reset (RSTB). This signal provides an asynchronous COMET-
QUAD reset. RSTB is a Schmidt triggered input with an internal pull up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com