Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT21 Datasheet(PDF) 3 Page - Same Sky Devices

Part # AMT21
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT21 Datasheet(HTML) 3 Page - Same Sky Devices

  AMT21 Datasheet HTML 1Page - Same Sky Devices AMT21 Datasheet HTML 2Page - Same Sky Devices AMT21 Datasheet HTML 3Page - Same Sky Devices AMT21 Datasheet HTML 4Page - Same Sky Devices AMT21 Datasheet HTML 5Page - Same Sky Devices AMT21 Datasheet HTML 6Page - Same Sky Devices AMT21 Datasheet HTML 7Page - Same Sky Devices AMT21 Datasheet HTML 8Page - Same Sky Devices AMT21 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SAME SKY | SERIES: AMT21 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 09/12/2024 | page 3 of 10
sameskydevices.com
RS485 INTERFACE (CONTINUED)
Extended Commands
There are some commands that require two bytes to be received before the encoder will enact them. This includes resets and zero saves.
This prevents collisions and allows the encoder to be fully functional while sharing the bus with other encoders.
Note that there are no responses to these instructions, and once received the encoder initiates an immediate reset. The user’s system
should expect to wait until the encoder is powered back up to send any follow up commands. Power on time is listed in the electrical
section above.
To send an extended command the user will send the <node address + 0x02> value (0x56 by default) followed by the <extended command>.
Extended Commands
Function
0x5E
Set zero position (Single turn encoders only)
0x75
Reset encoder
Addressing
The AMT21 encoder supports multiple encoders on the RS485 bus. This is accomplished by giving each encoder a unique node address.
This node address is 8 bits long but the low two bits must be 0. Therefore, the encoder can have any single byte value that is divisible by 4
which allows up to 64 encoders to share the bus.
By default, the node address is 0x54. Node addresses configurable via AMT ViewpointTM or set at factory for specific configuration upon
request.
The node address serves also as the read position command which is why it will be referred to it as the base command. When the encoder
sees a command on the RS485 it reads the first 6 bits to determine if it should be listening. If it sees its address, then it interprets the low
two bits for the command.
Low two bits
Hex
Command
00
0x00
Read position
01
0x01
Read turns counter (multi-turn encoders only)
10
0x02
Indicates extended command
11
0x03
Reserved
For simplicity the user can abstract away the various bits and simply implement multiple commands in their system. For example:
Byte
Command
0x54
Read position
0x55
Read turns counter (multi-turn encoders only)
0x56
Begin extended command
Available RS485 Node Addresses (HEX)
00
20
40
60
80
A0
C0
E0
04
24
44
64
84
A4
C4
E4
08
28
48
68
88
A8
C8
E8
0C
2C
4C
6C
8C
AC
CC
EC
10
30
50
70
90
B0
D0
F0
14
34
54*
74
94
B4
D4
F4
18
38
58
78
98
B8
D8
F8
1C
3C
5C
7C
9C
BC
DC
FC
*Default address
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com