Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT21 Datasheet(PDF) 5 Page - Same Sky Devices

Part # AMT21
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

AMT21 Datasheet(HTML) 5 Page - Same Sky Devices

  AMT21 Datasheet HTML 1Page - Same Sky Devices AMT21 Datasheet HTML 2Page - Same Sky Devices AMT21 Datasheet HTML 3Page - Same Sky Devices AMT21 Datasheet HTML 4Page - Same Sky Devices AMT21 Datasheet HTML 5Page - Same Sky Devices AMT21 Datasheet HTML 6Page - Same Sky Devices AMT21 Datasheet HTML 7Page - Same Sky Devices AMT21 Datasheet HTML 8Page - Same Sky Devices AMT21 Datasheet HTML 9Page - Same Sky Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SAME SKY | SERIES: AMT21 | DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 09/12/2024 | page 5 of 10
sameskydevices.com
PART NUMBER KEY
For customers that prefer a specific AMT21 configuration, please reference the custom configuration key below.
AMT21 X X - X - XX - XXXX - X
Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
Orientation:
2 = Radial
3 = Axial
Base Number
AMT21-V KITS
In order to provide maximum flexibility for our customers, the AMT21 series is provided in kit form standard. This allows the user to implement the encoder into a range of
applications using one sku#, reducing engineering and inventory costs.
SLEEVES
2mm3mm
1/8 inch
(3.175mm)
4mm
3/16 inch
(4.76mm)
5mm6mm
1/4 inch
(6.35mm)
8mm
Light Sky
Blue
Orange
Purple
Gray
YellowGreen
RedSnowBlue
BASE
WIDE
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
BASE
WIDE
BASE
TOP
COVER
SHAFT
ADAPTER
TOOL A
TOOL C
Absolute Resolution:
A = 12-bit single-turn, 2 Mbps data rate
B = 14-bit single-turn, 2 Mbps data rate
C = 12-bit multi-turn, 2 Mbps data rate
D = 14-bit multi-turn, 2 Mbps data rate
E = 12-bit single-turn, adj data rate
F = 14-bit single-turn, adj data rate
G = 12-bit multi-turn, adj data rate
H = 14-bit multi-turn, adj data rate
AMT21XX-V
Orientation:
2 = Radial
3 = Axial
ORDERING GUIDE
Mounting Base:
S = Standard
W= Wide
Data Rate:
F1 = 2 Mbps (A,B,C,D resolutions only)
A1 = 115,200 bps (E,F,G,H resolutions only)
A2 = 38,400 bps (E,F,G,H resolutions only)
A3 = 19,200 bps (E,F,G,H resolutions only)
A4 = 9,600 bps (E,F,G,H resolutions only)
RS485 Node Address:
54 = Default node address
XX = *Node address options
*Reference RS485 Interface Addressing section on page 3 for help selecting node address.
Absolute Resolution:
A = 12-bit single-turn, 2 Mbps data rate
B = 14-bit single-turn, 2 Mbps data rate
C = 12-bit multi-turn, 2 Mbps data rate
D = 14-bit multi-turn, 2 Mbps data rate
E = 12-bit single-turn, adj data rate
F = 14-bit single-turn, adj data rate
G = 12-bit multi-turn, adj data rate
H = 14-bit multi-turn, adj data rate
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com