Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL78 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RL78
Description  RL78/G13(512KB FLASH) Target board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RL78 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RL78 Datasheet HTML 1Page - Renesas Technology Corp RL78 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
P77
P76
P123
XT1
XT2
T_RESET
P124
P121
P122
X1
X2
RESET
P40
P41
P40
P127
P126
P125
RESET
XT2
XT1
X2
X1
P137
P142
P141
P140
P120
P37
P36
P35
P34
P33
P32
P106
P105
P100
P147
P146
P111
P110
P101
P117
P116
P115
P114
P113
P112
P97
P96
P95
P94
P93
P92
P91
P90
P10
P11
P12
P13
P14
P15
P16
P17
P57
P56
P55
P54
P53
P52
P51
P50
P30
P87
P60
P61
P104
P103
P47
P46
P45
P44
P43
P42
P87
P50
P52
P54
P56
P17
P15
P13
P11
P90
P92
P94
P96
P112
P114
P116
P101
P111
P147
P156
P154
P152
P150
P26
P24
P22
P20
P102
P04
P02
P00
P144
P142
P140
P37
P35
P33
P106
P104
P47
P45
P43
P41
P127
P125
P124
P137
P121
P60
P62
P31
P65
P67
P76
P74
P72
P70
P05
P81
P83
P85
P30
P51
P53
P55
P57
P16
P14
P12
P10
P91
P93
P95
P97
P113
P115
P117
P110
P146
P100
P155
P153
P151
P27
P25
P23
P21
P130
P07
P03
P01
P145
P143
P141
P120
P36
P34
P32
P105
P103
P46
P44
P42
P40
P126
T_RESET
P123
P122
P61
P63
P64
P66
P77
P75
P73
P71
P06
P80
P82
P84
P86
VDD
VDD
EVDD
VDD
EVDD
EVDD
EVDD
EVDD
VDD
EVDD
EVDD
EVDD
EVDD
VDD
EVDD
VDD
VDD
VDD
VDD
EVDD
TP1
LC-22-G-RED
TP1
LC-22-G-RED
XT2
XT2
R4
10Kohm
R4
10Kohm
C3
0.1uF
C3
0.1uF
CN1
FFC-64BMEP1
CN1
FFC-64BMEP1
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
SW1
SKQMBBE010
SW1
SKQMBBE010
1
2
EVDD
EVDD
C5
4pF
C5
4pF
P77
P77
R1
1.6Kohm
R1
1.6Kohm
1
2
OSC2
32.768kHz
OSC2
32.768kHz
1
4
2
3
R3
1.6Kohm
R3
1.6Kohm
1
2
LED3
SML-311UTx
LED3
SML-311UTx
R5
1Kohm
R5
1Kohm
P137
P137
R2
1.6Kohm
R2
1.6Kohm
1
2
P76
P76
P124
P124
CN2
FFC-64BMEP1
CN2
FFC-64BMEP1
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
41
43
45
47
49
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
C4
0.1uF
C4
0.1uF
P122
P122
X1
X1
VDD
VDD
X2
X2
TP3
LC-22-G-RED
TP3
LC-22-G-RED
P121
P121
LED2
SML-311YTx
LED2
SML-311YTx
R6
1Kohm
R6
1Kohm
R7
10Kohm
R7
10Kohm
1
2
C2
0.1uF
C2
0.1uF
C1
0.47uF
C1
0.47uF
RL78/G13
R5F100SL
IC1
RL78/G13
R5F100SL
IC1
P142/SCK30/SCL30
1
P141/PCLBUZ1/INTP7
2
P140/PCLBUZ0/INTP6
3
P120/ANI19
4
P37/ANI21
5
P36/ANI22
6
P35/ANI23
7
P34
8
P33
9
P32
10
P106/TI17/TO17
11
P105/TI16/TO16
12
P104/TI15/TO15
13
P103/TI14/TO14
14
P47/INTP2
15
P46/INTP1/TI05/TO05
16
P45/SO01
17
P44/SI01/SDA01
18
P43/SCK01/SCL01
19
P42/TI04/TO04
20
P41
21
P40/TOOL0
22
P127
23
P126
24
P125
25
RESET
26
P124/XT2/EXCLKS
27
P123/XT1
28
P137/INTP0
29
P122/X2/EXCLK
30
P121/X1
31
REGC
32
VSS
33
EVSS0
34
VDD
35
EVDD0
36
P60/SCLA0
37
P61/SDAA0
38
P87
65
P30/INTP3/RTC1HZ
66
P50
67
P51
68
P52/SO31
69
P53/SI31/SDA31
70
P54/SCK31/SCL31
71
P55
72
P56
73
P57
74
P17/TI02/TO02
75
P16/TI01/TO01/INTP5
76
P15/SCK20/SCL20
77
P14/RxD2/SI20/SDA20
78
P13/TxD2/SO20
79
P12/SO00/TxD0/TOOLTxD
80
P11/SI00/RxD0/TOOLRxD/SDA00
81
P10/SCK00/SCL00
82
P90
83
P91
84
P92
85
P93
86
P94
87
P95/SCK11/SCL11
88
P96/SI11/SDA11
89
P97/SO11
90
P112
91
P113
92
P114
93
P115/ANI26
94
P116/ANI25
95
P117/ANI24
96
P101
97
P110
98
P111
99
P146
100
P147/ANI18
101
P100/ANI20
102
OSC1
20MHz
OSC1
20MHz
1
3
2
C6
3pF
C6
3pF
CN3
TSM-107-01-L-DH-x
CN3
TSM-107-01-L-DH-x
1
1
3
3
5
5
7
7
9
9
11
11
13
13
2
2
4
4
6
6
8
8
10
10
12
12
14
14
XT1
XT1
TP2
LC-22-G-BLACK
TP2
LC-22-G-BLACK
P123
P123
LED1
SML-311YTx
LED1
SML-311YTx
TP4
LC-22-G-BLACK
TP4
LC-22-G-BLACK
R20UT0827XJ0200 Rev.2.00
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com