Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1625IPAPT
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPT Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS1625IPAPT Datasheet HTML 12Page - Texas Instruments ADS1625IPAPT Datasheet HTML 13Page - Texas Instruments ADS1625IPAPT Datasheet HTML 14Page - Texas Instruments ADS1625IPAPT Datasheet HTML 15Page - Texas Instruments ADS1625IPAPT Datasheet HTML 16Page - Texas Instruments ADS1625IPAPT Datasheet HTML 17Page - Texas Instruments ADS1625IPAPT Datasheet HTML 18Page - Texas Instruments ADS1625IPAPT Datasheet HTML 19Page - Texas Instruments ADS1625IPAPT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
16
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = 2.0V, and RBIAS = 37kΩ,
unless otherwise noted.
INTEGRAL NONLINEARITY
−100k −80k −60k −40k −20k
20k
40k 60k
80k 100k
0
Output Code (LSB)
4
3
2
1
0
−1
−2
−3
−4
f
IN =100Hz, −2dBFS
DIFFERENTIAL NONLINEARITY
−100k −80k −60k −40k −20k
20k
40k 60k
80k 100k
0
Output Code (LSB)
0.5
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
−0.5
f
IN = 100Hz, −2dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com