Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1625IPAPT
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPT Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS1625IPAPT Datasheet HTML 17Page - Texas Instruments ADS1625IPAPT Datasheet HTML 18Page - Texas Instruments ADS1625IPAPT Datasheet HTML 19Page - Texas Instruments ADS1625IPAPT Datasheet HTML 20Page - Texas Instruments ADS1625IPAPT Datasheet HTML 21Page - Texas Instruments ADS1625IPAPT Datasheet HTML 22Page - Texas Instruments ADS1625IPAPT Datasheet HTML 23Page - Texas Instruments ADS1625IPAPT Datasheet HTML 24Page - Texas Instruments ADS1625IPAPT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
21
RESETTING THE ADS1625
The ADS1625 and ADS1626 with FIFO disabled are
asynchronously reset when the RESET pin is taken low.
During reset, all of the digital circuits are cleared,
DOUT[17:0] are forced low, and DRDY forced high. It is
recommended that the RESET pin be released on the
falling edge of CLK. Afterwards, DRDY goes low on the
second rising edge of CLK. Allow 46 DRDY cycles for the
digital filter to settle before retrieving data. See Figure 3 for
the timing specifications.
Reset can be used to synchronize multiple ADS1625s. All
devices to be synchronized must use a common CLK
input. With the CLK inputs running, pulse RESET on the
falling edge of CLK, as shown in Figure 15. Afterwards, the
converters will be converting synchronously with the
DRDY
outputs
updating
simultaneously.
After
synchronization, allow 46 DRDY cycles (t12) for output
data to fully settle.
RESET
ADS1625
1
CLK
DRDY
DOUT[17:0]
DRDY
1
DOUT[17:0]
1
RESET
Clock
RESET
ADS1625
2
CLK
DRDY
DOUT[17:0]
DRDY
2
DOUT[17:0]
2
CLK
RESET
DRDY
1
DOUT[17:0]
1
Synchronized
Settled
Data
Settled
Data
DRDY
2
DOUT[17:0]
2
t
12
Figure 15. Synchronizing Multiple Converters
RESETTING THE ADS1626
The ADS1626 with the FIFO enabled requires a different
reset sequence than the ADS1625, as shown in Figure 16.
Ignore any DRDY toggles that occur while RESET is low.
Release RESET on the rising edge of CLK, then
afterwards toggle RD to complete the reset sequence.
Toggle RD to complete reset sequence
CLK
RESET
DRDY
RD
t
26
Ignore
Figure 16. Resetting the ADS1626 with the FIFO
Enabled
After resetting, the settling time for the ADS1626 is 46 CLK
cycles, regardless of the FIFO level. Therefore, for higher
FIFO levels, it takes fewer DRDY cycles to settle because
the DRDY period is longer. Table 4 shows the number of
DRDY cycles required to settle for each FIFO level.
Table 4. ADS1626 Reset Settling
FIFO LEVEL
FILTER SETTLING TIME AFTER RESET
(t26 in units of DRDY cycles )
2
23
4
12
6
8
8
6
10
5
12
4
14
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com