Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPRG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS1625IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPRG4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1625IPAPRG4 Datasheet HTML 1Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 2Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 3Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 4Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 5Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 6Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 7Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
SBAS280E − JUNE 2003 − REVISED MAY 2007
18Bit, 1.25MSPS
AnalogtoDigital Converter
ADS1625
ADS1626
FEATURES
D Data Rate: 1.25MSPS
D Signal-to-Noise Ratio: 93dB
D Total Harmonic Distortion: −101dB
D Spurious-Free Dynamic Range: 103dB
D Linear Phase with 615kHz Bandwidth
D Passband Ripple: ±0.0025dB
D Adjustable FIFO Output Buffer (ADS1626 only)
D Selectable On-Chip Reference
D Directly Connects to TMS320C6000 DSPs
D Adjustable Power Dissipation: 150 to 515mW
D Power Down Mode
D Supplies: Analog
+5V
Digital
+3V
Digital I/O +2.7V to +5.25V
APPLICATIONS
D Scientific Instruments
D Automated Test Equipment
D Data Acquisition
D Medical Imaging
D Vibration Analysis
DESCRIPTION
The ADS1625 and ADS1626 are high-speed, high-precision,
delta-sigma analog-to-digital converters (ADCs) with 18-bit
resolution. The data rate is 1.25 mega samples per second
(MSPS), the bandwidth (−3dB) is 615kHz, and passband
ripple is less than
±0.0025dB (to 550kHz). Both devices offer
the same outstanding performance at these speeds with a
signal-to-noise ratio up to 93dB, total harmonic distortion
down to −101dB, and a spurious-free dynamic range up to
103dB. The ADS1626 includes an adjustable first-in, first-out
buffer (FIFO) for the output data.
The input signal is measured against a voltage reference that
can be generated on-chip or supplied externally. The digital
output data are provided over a simple parallel interface that
easily connects to digital signal processors (DSPs). An
out-of-range monitor reports when the input range has been
exceeded. The ADS1625/6 operate from a +5V analog
supply (AVDD) and +3V digital supply (DVDD). The digital
I/O supply (IOVDD) operates from +2.7 to +5.25V, enabling
the digital interface to support a range of logic families. The
analog power dissipation is set by an external resistor and
can be reduced when operating at slower speeds. A
power-down mode, activated by a digital I/O pin, shuts down
all circuitry. The ADS1625/6 are offered in a TQFP-64
package using TI PowerPAD
 technology.
The ADS1625 and ADS1626, along with their 16-bit,
5MSPS counterparts, the ADS1605 and ADS1606, are
well-suited for the demanding measurement requirements
of scientific instrumentation, automated test equipment,
data acquisition, and medical imaging.
REFEN
Reference and Bias Circuits
I/O
Interface
Digital
Filter
∆Σ
Modulator
VREFP VREFN
RBIAS
VMID
VCAP
AVDD DVDD IOVDD
DGND
AGND
AINP
AINN
PD
CLK
CS
RESET
RD
DRDY
DOUT[17:0]
FIFO_LEV[2:0]
OTR
ADS1626 Only
FIFO
ADS1625
ADS1626
PowerPAD is a trademark of Texas Instruments. All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
www.ti.com
Copyright
 2003−2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - ADS1625IPAPRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1625IPAPR BURR-BROWN-ADS1625IPAPR Datasheet
472Kb / 31P
18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
logo
Texas Instruments
ADS1625IPAPR TI2-ADS1625IPAPR Datasheet
1Mb / 38P
18-Bit, 1.25MSPS Analog-to-Digital Converter
REVISED MAY 2007
More results

Similar Description - ADS1625IPAPRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1139 AD-AD1139 Datasheet
454Kb / 6P
High Accuracy 18-Bit Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM58P BURR-BROWN-PCM58P Datasheet
64Kb / 6P
Precision, 18-Bit Monolithic Audio DIGITAL-TO-ANALOG CONVERTER
ADS1626 BURR-BROWN-ADS1626 Datasheet
472Kb / 31P
18-BIT 1.25 MSPS ANALOG TO DIGITAL CONVERTER
ADS1601 BURR-BROWN-ADS1601 Datasheet
386Kb / 26P
16-BIT 1.25MSPS ANALOG TO DIGITAL CONVERTER
PCM64P BURR-BROWN-PCM64P Datasheet
470Kb / 4P
18 BIT AUDIO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
18-Bit Analog-to-Digital Converter for Bridge Sensors
logo
API Technologies Corp
MN3390 APITECH-MN3390 Datasheet
690Kb / 5P
18-Bit, Deglitched Digital-to-Analog Converter
logo
Texas Instruments
ADS1601 TI1-ADS1601_14 Datasheet
1Mb / 30P
16-Bit, 1.25MSPS Analog-to-Digital Converter
OPA625 TI1-OPA625 Datasheet
2Mb / 46P
18-Bit Analog-to-Digital Converter (ADC) Drivers
ADS1601 TI1-ADS1601_15 Datasheet
1Mb / 30P
16-Bit, 1.25MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com