Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1625IPAPRG4 Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS1625IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1625IPAPRG4 Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1625IPAPRG4 Datasheet HTML 15Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 16Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 17Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 18Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 19Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 20Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 21Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 22Page - Texas Instruments ADS1625IPAPRG4 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
19
REFERENCE INPUTS (VREFN, VREFP, VMID)
The ADS1625 can operate from an internal or external
voltage reference. In either case, reference voltage VREF is
set by the differential voltage between VREFN and VREFP:
VREF = (VREFP – VREFN). VREFP and VREFN each use
two pins, which should be shorted together. VMID equals
approximately 2.5V and is used by the modulator. VCAP
connects to an internal node, and must also be bypassed
with an external capacitor. For the best analog performance,
it is recommended that an external reference voltage (VREF)
of 3.0V be used.
INTERNAL REFERENCE (REFEN = LOW)
To use the internal reference, set the REFEN pin low. This
activates the internal circuitry that generates the reference
voltages. The internal reference voltages are applied to
the pins. Good bypassing of the reference pins is critical
to achieve optimum performance and is done by placing
the bypass capacitors as close to the pins as possible.
Figure 12 shows the recommended bypass capacitor
values. Use high quality ceramic capacitors for the smaller
values. Avoid loading the internal reference with external
circuitry. If the ADS1625/6 internal reference is to be used
by other circuitry, buffer the reference voltages to prevent
directly loading the reference pins.
10
µF
22
µF0.1µF
22
µF
22
µF
0.1
µF
10
µF
0.1
µF
10
µF
0.1
µF
0.1
µF
ADS1625
ADS1626
AGND
VREFP
VREFP
VMID
VCAP
VREFN
VREFN
Figure 12. Reference Bypassing When Using the
Internal Reference
EXTERNAL REFERENCE (REFEN = HIGH)
To use an external reference, set the REFEN pin high. This
deactivates the internal generators for VREFP, VREFN
and VMID, and saves approximately 25mA of current on
the analog supply (AVDD). The voltages applied to these
pins must be within the values specified in the Electrical
Characteristics table. Typically VREFP = 4V, VMID = 2.5V
and VREFN = 1V. The external circuitry must be capable
of providing both a dc and a transient current. Figure 13
shows a simplified diagram of the internal circuitry of the
reference when the internal reference is disabled. As with
the input circuitry, switches S1 and S2 open and close as
shown in Figure 9.
S
1
ADS1625
ADS1626
S
2
VREFP
50pF
300
Ω
S
1
VREFN
VREFP
VREFN
Figure 13. Conceptual Internal Circuitry for the
Reference When REFEN = High
Figure 14 shows the recommended circuitry for driving
these reference inputs. Keep the resistances used in the
buffer circuits low to prevent excessive thermal noise from
degrading performance. Layout of these circuits is critical;
make sure to follow good high-speed layout practices.
Place the buffers, and especially the bypass capacitors, as
close to the pins as possible. VCAP is unaffected by the
setting on REFEN and must be bypassed when using the
internal or an external reference.
10
0.1
0.1
10
0.1
10
0.1
0.1
VREFP
VREFP
VMID
VCAP
VREFN
VREFN
392
Ω
OPA2822
AD S1625
AD S1626
0.001
4V
392
Ω
OPA2822
0.001
1V
392
Ω
OPA2822
0.001
2.5V
AGND
22
µF
22
µF
22
µF
µF
µF
µF
µF
µ F
µ F
µF
µF
µF
µ F
µ F
Figure 14. Recommended Buffer Circuit When
Using an External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com