Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1626IPAPRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADS1626IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADS1626IPAPRG4 Datasheet HTML 3Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 4Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 5Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 6Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 7Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 9Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 10Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
7
PIN ASSIGNMENTS
TQFP PACKAGE
(TOP VIEW)
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
FIFO_LEV[2] (ADS1626 Only)
FIFO_LEV[1] (ADS1626 Only)
FIFO_LEV[0] (ADS1626 Only)
NC
DOUT[17]
DOUT[16]
DOUT[15]
DOUT[14]
DOUT[13]
DOUT[12]
DOUT[11]
DOUT[10]
DOUT[9]
DOUT[8]
DOUT[7]
DOUT[6]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AGND
AVDD
AGND
AINN
AINP
AGND
AVDD
RBIAS
AGND
AVDD
AGND
AVDD
REFEN
IOVDD
DGND
NC
64
63
62
61
60
59
58
57
56
55
54
17
18
19
20
21
22
23
24
25
26
27
53
52
51
50
49
28
29
30
31
32
ADS1625
ADS1626
PowerPAD
TM
Terminal Functions
TERMINAL
NAME
NO.
TYPE
DESCRIPTION
AGND
1, 3, 6, 9, 11, 55, 57
Analog
Analog ground
AVDD
2, 7, 10, 12, 58
Analog
Analog supply
AINN
4
Analog input
Negative analog input
AINP
5
Analog input
Positive analog input
RBIAS
8
Analog
Terminal for external analog bias setting resistor
REFEN
13
Digital input: active low
Internal reference enable. Internal pull-down resistor of 170k
Ω to DGND.
NC
16, 45, 49, 50
Must be left unconnected
PD
17
Digital input: active low
Power down all circuitry. Internal pull-up resistor of 170k
Ω to DGND.
DVDD
18, 26, 52
Digital
Digital supply
DGND
15, 19, 25, 51, 54
Digital
Digital ground
RESET
20
Digital input: active low
Reset digital filter
CS
21
Digital input: active low
Chip select
RD
22
Digital input: active low
Read enable
OTR
23
Digital output
Active when analog inputs are out of range
DRDY
24
Digital output: active low
Data ready on falling edge
DOUT [17:0]
27−44
Digital output
Data output. DOUT[17] is the MSB and DOUT[0] is the LSB.
FIFO_LEV[2:0]
46−48
Digital input
FIFO level (for the ADS1626 only). FIFO_LEV[2] is MSB.
NOTE: These terminals must be left unconnected on the ADS1625.
IOVDD
14, 53
Digital
Digital I/O supply
CLK
56
Digital input
Clock input
VCAP
59
Analog
Terminal for external bypass capacitor connection to internal bias voltage
VREFN
60, 61
Analog
Negative reference voltage
VMID
62
Analog
Midpoint voltage
VREFP
63, 64
Analog
Positive reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com