Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1626IPAPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADS1626IPAPRG4
Description  18-Bit, 1.25MSPS Analog-to-Digital Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1626IPAPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS1626IPAPRG4 Datasheet HTML 4Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 5Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 6Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 7Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 8Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 9Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 10Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 11Page - Texas Instruments ADS1626IPAPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
ADS1625
ADS1626
SBAS280E − JUNE 2003 − REVISED MAY 2007
www.ti.com
8
PARAMETER MEASUREMENT INFORMATION
DRDY
CLK
DOUT[17:0]
Data N + 1
NOTE: CS and RD tied low.
t
1
t
2
t
2
t
3
t
5
t
6
t
4
t
4
Data N
Data N + 2
Figure 1. Data Retrieval Timing (ADS1625, ADS1626 with FIFO Disabled)
RD, CS
DOUT[17:0]
t
8
t
7
Figure 2. DOUT Inactive/Active Timing (ADS1625, ADS1626 with FIFO Disabled)
TIMING REQUIREMENTS FOR FIGURE 1 AND FIGURE 2
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
t1
CLK period (1/fCLK)
20
25
1000
ns
1/t1
fCLK
1
40
50
MHz
t2
CLK pulse width, high or low
10
ns
t3
Rising edge of CLK to DRDY low
10
ns
t4
DRDY pulse width high or low
16 t1
ns
t5
Falling edge of DRDY to data invalid
10
ns
t6
Falling edge of DRDY to data valid
15
ns
t7
Rising edge of RD and/or CS inactive (high) to DOUT high impedance
15
ns
t8
Falling edge of RD and/or CS active (low) to DOUT active.
15
ns
NOTE: DOUT[17:0] and DRDY load = 10pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com