Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC-2507-059-S2 Datasheet(PDF) 3 Page - Eravant

Part # SAC-2507-059-S2
Description  G Band Conical Horn Antenna, 25 dBi Gain
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAC-2507-059-S2 Datasheet(HTML) 3 Page - Eravant

  SAC-2507-059-S2 Datasheet HTML 1Page - Eravant SAC-2507-059-S2 Datasheet HTML 2Page - Eravant SAC-2507-059-S2 Datasheet HTML 3Page - Eravant SAC-2507-059-S2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SAC-2507-059-S2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
3/4
Advanced Rev 1.1
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
-180
-150
-120
-90
-60
-30
0
30
60
90
120
150
180
Bore Sight Angle (Degrees)
Simulated Antenna Pattern at 220 GHz
H-plane
E-plane
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
140
150
160
170
180
190
200
210
220
Frequency (GHz)
Simulated Gain Vs Frequency



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com