Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC-2507-059-S2 Datasheet(PDF) 1 Page - Eravant

Part # SAC-2507-059-S2
Description  G Band Conical Horn Antenna, 25 dBi Gain
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERAVANT [Eravant]
Direct Link  https://www.eravant.com/
Logo ERAVANT - Eravant

SAC-2507-059-S2 Datasheet(HTML) 1 Page - Eravant

  SAC-2507-059-S2 Datasheet HTML 1Page - Eravant SAC-2507-059-S2 Datasheet HTML 2Page - Eravant SAC-2507-059-S2 Datasheet HTML 3Page - Eravant SAC-2507-059-S2 Datasheet HTML 4Page - Eravant  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SAC-2507-059-S2
www.eravant.com | 424-757-0168 | support@eravant.com
Copyright © 2023 by Eravant
1/4
Advanced Rev 1.1
G Band Conical Horn Antenna, 25 dBi Gain
SAC-2507-059-S2 is a G-band conical horn antenna that operates from
140 to 220 GHz. The antenna offers 25 dBi nominal gain and a typical
half power beamwidth of 9 degrees on the E-plane and 10 degrees on
the H-plane. The horn also offers typical sidelobes of -18 dB on the E-
plane and -28 dB on the H-plane. The conical horn can support linear
and circular polarization. The input of this antenna is a 0.059
” diameter
circular waveguide with UG-387/U-M anti-cocking flange.
Electrical Specifications:
**Actual measured cross-polarization level shall be around 40dB TYP, 35 dB min,
however, our testing service needs to be purchased to guarantee the level.
Contact us for more information.
Mechanical Specifications:
Parameter
Minimum
Typical
Maximum
Frequency
140 GHz
220 GHz
Gain
25 dBi
3 dB Beamwidth, E-plane
9°
3 dB Beamwidth, H-plane
10°
Side Lobes, E-plane
-18 dB
Side Lobes, H-plane
-28 dB
Cross-polarization**
30 dB
Return Loss
23 dB
Specification Temperature
+25 ˚C
Operating Temperature
-
40 ˚C
+85 ˚C
Item
Specification
Antenna Port
0.059" Diameter Circular Waveguide
Flange Type
UG-387/U-M Anti-Cocking Flange
Material
Brass
Finish
Gold Plated
Outline
AC-CG3-059-A
ECCN
EAR99
FEATURES
•
Circular Waveguide Interface
•
Precisely Machined and Gold
Plated
•
High Return Loss
• Linear and Circular Polarization
APPLICATIONS
•
Antenna Ranges
•
Feed Horn
• System Setups
SUPPLEMENTAL DETAILS


Similar Part No. - SAC-2507-059-S2

ManufacturerPart #DatasheetDescription
logo
Eravant
SAC-2507-039-S2 ERAVANT-SAC-2507-039-S2 Datasheet
357Kb / 4P
WR-03 Conical Horn Antenna, 25 dBi Gain
Rev 1.4
SAC-2507-075-S2 ERAVANT-SAC-2507-075-S2 Datasheet
271Kb / 4P
D Band Conical Horn Antenna, 25 dBi Gain
Rev 1.2
SAC-2507-08-S2 ERAVANT-SAC-2507-08-S2 Datasheet
272Kb / 4P
F Band Conical Horn Antenna, 25 dBi Gain, WR-08 Waveguide
Rev 1.2
SAC-2507-082-S2 ERAVANT-SAC-2507-082-S2 Datasheet
288Kb / 4P
F Band Conical Horn Antenna, 25 dBi Gain
Rev 1.2
SAC-2507-094-S2 ERAVANT-SAC-2507-094-S2 Datasheet
376Kb / 4P
W Band Conical Horn Antenna, 25 dBi Gain
Rev 1.3
More results

Similar Description - SAC-2507-059-S2

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAN1038 PASTERNACK-PEWAN1038 Datasheet
555Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1046 PASTERNACK-PEWAN1046 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1049 PASTERNACK-PEWAN1049 Datasheet
570Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1053 PASTERNACK-PEWAN1053 Datasheet
564Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1056 PASTERNACK-PEWAN1056 Datasheet
549Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1058 PASTERNACK-PEWAN1058 Datasheet
571Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1059 PASTERNACK-PEWAN1059 Datasheet
558Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1061 PASTERNACK-PEWAN1061 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1062 PASTERNACK-PEWAN1062 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1064 PASTERNACK-PEWAN1064 Datasheet
551Kb / 4P
Waveguide Conical Gain Horn Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com