Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1582T Datasheet(PDF) 2 Page - Sipex Corporation

Part # AS1582T
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS1582T Datasheet(HTML) 2 Page - Sipex Corporation

  AS1582T Datasheet HTML 1Page - Sipex Corporation AS1582T Datasheet HTML 2Page - Sipex Corporation AS1582T Datasheet HTML 3Page - Sipex Corporation AS1582T Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 10/2/00
AS1582
ABSOLUTE MAXIMUM RATINGS
Power Dissipation.................................................... Internally Limited
Input Supply Voltage ..........................................................6V
Lead Temp (soldering, 10 seconds)........................................... 300
°C
VCTRL Input Voltage ..........................................................13V
Storage Temperature Range ...................................... -65ºC to +150ºC
Operating Junction Temperature Range
AS1582 Control Section................................................0ºC to +125ºC
AS1582 Power Transistor .............................................0ºC to +150ºC
ELECTRICAL CHARACTERISTICS at VS =14V, Ta=25°C, Io=10mA, C2=100µF, unless otherwise specified. (Note 1)
(Boldface applies over full temperature range).
Parameters
Conditions
AS1582
Min
Typ
Max
Units
2.5V Version
Output Voltage
VCTRL=6.0V to 12V, VIN=3.0V to 5.0V, IO=10mA
IO=10mA to
3A
2.450
2.400
2.500
2.550
2.600
V
2.8V Version
Output Voltage
VCTRL=6.3V to 12V, VIN=3.3V to 12V, IO=10mA
IO=10mA to
3A
2.744
2.688
2.800
2.856
2.912
V
3.3V Version
Output Voltage
VCTRL=6.3V to 12V, VIN=3.3V to 12V, IO=10mA
IO=10mA to 3A
3.234
3.168
3.300
3.366
3.432
V
All Voltage Options
Reference Voltage
VCTRL=2.75V, VIN=2.00V, IO=10mA
VCTRL=2.7V to 12V, VIN=2.05V to 5.5V, IO=10mA to
3A
1.238
1.250
1.263
V
Line Regulation
VCTRL=2.5V to 12V, VIN=1.75V to 5.5V, IO=10mA
VADJ=0V
1.0
3.0
mV
Load Regulation (Note1)
VCTRL=2.75V, VIN=2.1V, IO=10mA to 3A,VADJ=0V
1.0
5.0
mV
Dropout Voltage Minimum VCTRL (Note2)
(VCTRL – VOUT)
VADJ=0V
VIN=2.05V, IO=1A
1.05
1.18
V
Dropout Voltage Minimum VIN(Note2)
(VIN - VOUT)
VADJ=0V
VIN=2.75V, IO=3A
0.40
0.50
V
Current Limit
VCTRL=2.75V, VIN=2.05V,dVO=100mV,VADJ=0V
3.1
A
Minimum Load Current
VCTRL=5V, VIN=3.3V,VADJ=0V
5
10
mA
Thermal Regulation
30ms Pulse
0.002
0.02
%W
Ripple Rejection
VCTRL=3.75V VIN=3.75V, IO=2.3A,VADJ=0V
TJ=25, VRIPPLE=1Vpp at 120Hz
60
80
dB
Control Pin Current
VADJ=0V
VCTRL =2.75V, VIN=2.05V, IO=3A
60
120
mA
Adjustable Pin Current
VCTRL=2.75V, VIN=2.05V,VADJ=0V
IO=10mA
50
120
µA
Junction to Case (
θJC)
3
°C/W
TO-220-5
Junction to Ambient
(
θJA)
50
°C/W
Junction to Case (
θJC)
3
°C/W
Thermal Resistance
TO-263-5
Junction to Ambient
(
θJA)
60
°C/W
The Bold specifications applying to the over full operating temperature range.
Note 1: Low duty cycle pulse testing with Kelvin connections are required to order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum differential between VIN and VOUT or VCTRL and VOUT required to maintain regulation at VOUT
99% Nominal VOUT.
Note 3: VREF is measured across Adjust pin to Sense pin.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com