Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1582T Datasheet(PDF) 3 Page - Sipex Corporation

Part # AS1582T
Description  3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

AS1582T Datasheet(HTML) 3 Page - Sipex Corporation

  AS1582T Datasheet HTML 1Page - Sipex Corporation AS1582T Datasheet HTML 2Page - Sipex Corporation AS1582T Datasheet HTML 3Page - Sipex Corporation AS1582T Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Rev. 10/2/00
AS1582
BLOCK DIAGRAM
APPLICATIONS NOTES
The AS1582 is designed as a high performance and low cost
solution for application requiring a lower dropout than
traditional NPN regulators.
The AS1582 uses a separate input voltage VCTRL (VCTRL
≥
VOUT+ 1.3V) to minimize the dropout voltage. This allows the
2.5V power for the load to come from a 3.3V system supply.
As added benefit this will reduce the heat dissipation, and
lower heatsink and cooling fan cost. A typical application
would use 5V for Vin and 3.3V for VCTRL from a motherboard
power supply to provide a nominal 2.5V output. Using the
sense pin allows to Kelvin measure the output, reducing
resistive-associated errors.
The AS1582 can power the 2.5V core voltage for
microprocessors such as Pentium
, P55C, AMD5k86
and K6
 and the IBM PowerPC 603EV and 604EV
processors.
*The reduction of heat dissipation is a result of the increase of the regulator
efficiency (efficiency = VOUT / VIN).
Adjustable Regulator Design
1.25V reference voltage is being developed between the
SENSE pin and the ADJ pin of the AS1582. Adding two
external resistors (see fig 1.) will allow setting the output
voltage from 1.25V to 6V. R1 is chosen so that this current is
specified minimum load current of 10mA. R2 is given by the
formula: VOUT = VREF (1+ R2/R1) + IADJ (R2). The current
flowing from the ADJ pin is typically 50
µA. This ADJ pin
contributes to the final VOUT but is usually neglected.
Connecting the sense pin to the top of the resistor divider will
improve load regulation.
Lowering Noise
Using the SENSE pin to Kelvin the load will increase accuracy
of the output voltage during load regulation. For the fixed
voltage devices, adding a capacitor at the GND pin will
improve transient response. This capacitor is chosen in the
range of 1
µF to 0.1µF and will depend on the amount of
output capacitance in the system.
PIN DESCRIPTION
1. Sense = Allows Kelvin sense of VOUT at the load. (Positive side of the reference voltage of the
device).
2. ADJ = Negative side of the reference voltage for the device. Adding a small bypass capacitor
from the ADJ pin to ground will improve the transient response.
3. VOUT = Power output of the device.
4. VCTRL = Supply pin for the control circuitry of the device. The current flow into this pin will be
about 1% of the output current. VCTRL must be between 1.0V and 1.3V greater than the output
voltage for the device to regulate.
5. VIN = Output load current is supplied through this pin. VIN must be between 0.1V and 0.8V
greater than the output voltage for the device to regulate.
(4) V
CTRL
V
IN (5)
S.O.A
V
OUT (3)
LIMIT
SENSE
CURRENT
LIMIT
AMPLIFIER
THERMAL OVERLOAD
VOLTAGE
REGULATION
AMPLIFIER
V
REF
SENSE (1)
ADJ (2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com