Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3C1256 Datasheet(PDF) 5 Page - Pyramid Semiconductor Corporation

Part # P3C1256
Description  HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256 Datasheet(HTML) 5 Page - Pyramid Semiconductor Corporation

  P3C1256 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
P3C1256
Page 5 of 10
Document # SRAM122 REV B
AC CHARACTERISTICS—WRITE CYCLE
(Over Recommended Operating Temperature & Supply Voltage)
Symbol
Parameter
Min
Unit
t
WC
ns
t
CW
Chip Enable Time to
End of Write
t
AW
Address Valid to
End of Write
t
AS
Address Set-up
Time
ns
t
WP
Write Pulse Width
ns
t
AH
Address Hold Time
Data Valid to End of
Write
Data Hold Time
Write Enable to
Output in High Z
Output Active from
End of Write
Write Cycle Time
0
9
-12
ns
ns
-25
-20
-15
Max
Min
Max
25
0
18
Min
20
0
15
Max
Min
Max
15
0
11
12
ns
t
DW
ns
t
DH
00
0
0
ns
t
WZ
78
10
11
ns
t
OW
33
3
3
ns
10
10
0
8
12
15
18
12
15
18
0
10
0
12
0
15
Notes:
10. CE and WE must be LOW for WRITE cycle.
11. OE is LOW for this WRITE cycle to show t
WZ and tOW.
12. If CE goes HIGH simultaneously with WE HIGH, the output remains
in a high impedance state
13. Write Cycle Time is measured from the last valid address to the first
transitioning address.
TIMING WAVEFORM OF WRITE CYCLE NO. 1 (WE
WE
WE
WE
WE CONTROLLED)(10,11)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com