Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3C1256 Datasheet(PDF) 2 Page - Pyramid Semiconductor Corporation

Part # P3C1256
Description  HIGH SPEED 32K x 8 3.3V STATIC CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P3C1256 Datasheet(HTML) 2 Page - Pyramid Semiconductor Corporation

  P3C1256 Datasheet HTML 1Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 2Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 3Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 4Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 5Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 6Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 7Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 8Page - Pyramid Semiconductor Corporation P3C1256 Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
P3C1256
Page 2 of 10
Document # SRAM122 REV B
RECOMMENDED OPERATING TEMPERATURE & SUPPLY VOLTAGE
Temperature Range (Ambient)
Supply Voltage
3.0V
≤ V
CC ≤ 3.6V
Industrial (-40°C to 85°C)
3.0
≤ V
CC ≤ 3.6V
Commercial (0°C to 70°C)
V
CC = 3.6V, IOUT = 0 mA
CE = V
CC
DC ELECTRICAL CHARACTERISTICS
(Over Recommended Operating Temperature & Supply Voltage)(2)
Symbol
Parameter
V
OH
V
OL
V
IH
V
IL
I
LI
I
LO
I
SB
I
SB1
Output High Voltage
(I/O
0 - I/O7)
Output Low Voltage
(I/O
0 - I/O8)
Input High Voltage
Input Low Voltage
V
CC Current
CMOS Standby Current
V
CC Current
TTL Standby Current
Output Leakage Current
Input Leakage Current
I
OH = –4mA, VCC = 3.0V
I
OL = 8 mA
I
OL = 10 mA
V
CC = 3.6V, IOUT = 0 mA
CE = V
CC
GND
≤ V
OUT ≤ VCC
CE = V
CC
GND
≤ V
IN ≤ VCC
Test Conditions
Min
Max
Unit
2.4
2.2
-0.5(3)
V
V
V
V
V
µA
µA
mA
mA
0.4
0.5
V
CC + 0.3
0.8
20
3
-5
-5
+5
+5
MAXIMUM RATINGS(1)
Stresses greater than those listed can cause permanent damage to the device. These are absolute stress ratings
only. Functional operation of the device is not implied at these or any other conditions in excess of those given in
the operational sections of this data sheet. Exposure to Maximum Ratings for extended periods can adversely
affect device reliability.
Symbol
Parameter
Min
Max
Unit
V
CC
Supply Voltage with Respect to GND
-0.5
7.0
V
V
TERM
Terminal Voltage with Respect to GND (up to 7.0V)
-0.5
V
CC + 0.5
V
T
A
Operating Ambient Temperature
-40
85
°C
S
TG
-55
125
°C
I
OUT
Output Current into Low Outputs
25
mA
I
LAT
Latch-up Current
>200
mA
Storage Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com