Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C150-10DM Datasheet(PDF) 8 Page - Pyramid Semiconductor Corporation

Part # P4C150-10DM
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150-10DM Datasheet(HTML) 8 Page - Pyramid Semiconductor Corporation

Back Button P4C150-10DM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 10Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 11Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
P4C150
Page 8 of 11
Document # SRAM105 REV A
Pkg #
# Pins
Symbol
Min
Max
A-
0.200
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D-
1.280
E
0.220
0.310
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
S2
0.005
-
0.100 BSC
C4
24 (300 mil)
0.300 BSC
SIDE BRAZED DUAL IN-LINE PACKAGE
Pkg #
# Pins
Symbol
Min
Max
A-
0.200
b
0.014
0.026
b2
0.045
0.065
C
0.008
0.018
D-
1.280
E
0.220
0.310
eA
e
L
0.125
0.200
Q
0.015
0.060
S1
0.005
-
0°
15°
0.100 BSC
D4
24 (300 mil)
0.300 BSC
CERDIP DUAL IN-LINE PACKAGE
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com