Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C150-10DM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C150-10DM
Description  ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C150-10DM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C150-10DM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C150-10DM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Document # SRAM105 REV A
Revised October 2005
DESCRIPTION
The P4C150 is a 4,096-bit ultra high-speed static RAM
organized as 1K x 4 for high speed cache applications.
The RAM features a reset control to enable clearing all
words to zero within two cycle times. The CMOS memory
requires no clocks or refreshing, and has equal access
and cycle times. Inputs and outputs are fully TTL-
compatible. The RAM operates from a single 5V ± 10%
tolerance power supply.
Access times as fast as 10 nanoseconds are available
permitting greatly enhanced system operating speeds.
Separate Input and Output Ports
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 24-Pin 300 mil DIP
– 24-Pin 300 mil SOIC
– 28-Pin LCC (350 x 550 mils)
– 24-Pin CERPACK
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25 ns (Commercial)
– 15/20/25/35 ns (Military)
Chip Clear Function
Low Power Operation
Single 5V ± 10% Power Supply
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATIONS
P4C150
ULTRA HIGH SPEED 1K X 4
RESETTABLE STATIC CMOS RAM
LCC (L5)
DIP (P4, C4, D4), SOIC (S4)
CERPACK (F3) SIMILAR
Time required to reset is only 20 ns for the 10 ns SRAM.
CMOS is used to reduce power consumption to a low
level.
The P4C150 is available in 24-pin 300 mil DIP and SOIC
packages providing excellent board level densities.
The device is also available in a 28-pin LCC package as
well as a 24-pin FLATPACK for military applications.


Similar Part No. - P4C150-10DM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C150-10DM ETC1-P4C150-10DM Datasheet
83Kb / 8P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C150-10DMB ETC1-P4C150-10DMB Datasheet
83Kb / 8P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
More results

Similar Description - P4C150-10DM

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C149 CYPRESS-CY7C149 Datasheet
161Kb / 8P
1K x 4 Static RAM
logo
List of Unclassifed Man...
P4C150 ETC1-P4C150 Datasheet
83Kb / 8P
ULTRA HIGH SPEED 1K X 4 RESETTABLE STATIC CMOS RAM
P4C422 ETC1-P4C422 Datasheet
65Kb / 6P
ULTRA HIGH SPEED 256 X 4 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C148 PYRAMID-P4C148 Datasheet
281Kb / 10P
ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
P4C422 PYRAMID-P4C422 Datasheet
207Kb / 10P
HIGH SPEED 256 x 4 STATIC CMOS RAM
P4C1026 PYRAMID-P4C1026 Datasheet
290Kb / 10P
ULTRA HIGH SPEED 256K x 4 STATIC CMOS RAM
P4C1258 PYRAMID-P4C1258 Datasheet
174Kb / 9P
ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1298 PYRAMID-P4C1298 Datasheet
124Kb / 11P
ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
P4C1299 PYRAMID-P4C1299 Datasheet
904Kb / 11P
ULTRA HIGH SPEED 64K x 4 STATIC CMOS RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com