Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9766 Datasheet(PDF) 55 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 55 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 51Page - Integrated Device Technology STAC9766 Datasheet HTML 52Page - Integrated Device Technology STAC9766 Datasheet HTML 53Page - Integrated Device Technology STAC9766 Datasheet HTML 54Page - Integrated Device Technology STAC9766 Datasheet HTML 55Page - Integrated Device Technology STAC9766 Datasheet HTML 56Page - Integrated Device Technology STAC9766 Datasheet HTML 57Page - Integrated Device Technology STAC9766 Datasheet HTML 58Page - Integrated Device Technology STAC9766 Datasheet HTML 59Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
55
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.1.14.
Record Gain (1Ch)
Default: 8000h (corresponding to 0 dB gain with mute on)
Bit(s)
Reset Value
Name
Description
15:11
0
RESERVED
Bits not used, should read back 0
10:8
0
SL2:SL0
Left Channel Input Select
000 = Mic
001 = CD In (left)
010 = Video In (left)
011 = Aux In (left)
100 = Line In (left)
101 = Stereo Mix (left)
110 = Mono Mix
111 = Phone
7:3
0
RESERVED
Bits not used, should read back 0
2:0
0
SR2:SR0
Right Channel Input Select
000 = Mic
001 = CD In (right)
010 = Video In (right)
011 = Aux In (right)
100 = Line In (right)
101 = Stereo Mix (right)
110 = Mono Mix
111 = Phone
D15
D14
D13
D12
D11
D10
D9
D8
Mute
RESERVED
GL3
GL2
GL1
GL0
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
GR3
GR2
GR1
GR0
Bit(s)
Reset Value
Name
Description
15
1
MUTE
Mutes Record Gain
14:12
0
RESERVED
Bits not used, should read back 0
11:8
0
GL<3:0>
Left Channel Volume Control
0000 =
0dB gain
0001 = 1.5dB gain
....
1111 = 22.5dB gain
7:4
0
RESERVED
Bits not used, should read back 0
3:0
0
GR<3:0>
Right Channel Volume Control
0000 =
0dB gain
0001 = 1.5dB gain
....
1111 = 22.5dB gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com