Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9766 Datasheet(PDF) 79 Page - Integrated Device Technology

Part # STAC9766
Description  TWO-CHANNEL, 20-BIT, AC??7 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9766 Datasheet(HTML) 79 Page - Integrated Device Technology

Back Button STAC9766 Datasheet HTML 75Page - Integrated Device Technology STAC9766 Datasheet HTML 76Page - Integrated Device Technology STAC9766 Datasheet HTML 77Page - Integrated Device Technology STAC9766 Datasheet HTML 78Page - Integrated Device Technology STAC9766 Datasheet HTML 79Page - Integrated Device Technology STAC9766 Datasheet HTML 80Page - Integrated Device Technology STAC9766 Datasheet HTML 81Page - Integrated Device Technology STAC9766 Datasheet HTML 82Page - Integrated Device Technology STAC9766 Datasheet HTML 83Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
STAC9766/9767
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
PC AUDIO
IDT™
79
STAC9766/9767
V 7.4 12/06
TWO-CHANNEL, 20-BIT, AC’97 2.3 CODECS WITH STEREO MICROPHONE AND MIC/JACK SENSING
8.4.12.
High Pass Filter Bypass (78h*)
To unlock portion of Register 78h, write 0xABBA to Register 76h.
Default: 0000h
8.4.13.
Stereo Mic Enable Register (78h*)
To unlock portion of Register 78h, write 0x7272 to Register 72h.
Default: 0000h
8.5.
Vendor ID1 and ID2 (Index 7Ch and 7Eh)
These two registers contain four 8-bit ID codes. The first three codes have been assigned by
Microsoft using their Plug and Play Vendor ID methodology. The fourth code is a IDT, Inc. assigned
code identifying the STAC9766/9767. The ID1 register (index 7Ch) contains the value 8384h, which
is the first (83h) and second (84h) bytes of the Microsoft ID code. The ID2 register (index 7Eh) con-
tains the value 7666h, which is the third (76h) byte of the Microsoft ID code, and 66h which is the
STAC9766/9767 ID code.
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RESERVED
ADC HPF BYP
Bit(s) Reset Value
Name
Description
15:1
0
RESERVED
Bits not used, should read back 0
0
0
ADC HPF BYP
0 = Normal operation, (ADC High Pass Filter active)
1 = ADC High Pass Filter Bypass
D15
D14
D13
D12
D11
D10
D9
D8
RESERVED
D7
D6
D5
D4
D3
D2
D1
D0
RSVD
STEREO_
MIC
RESERVED
Bit(s) Reset Value
Name
Description
15:7
0
RESERVED
Bits not used, should read back 0
6
0
STEREO_MIC
0 = Stereo Mic Disabled (default)
1 = Stereo Mic Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com