Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9750 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 17Page - Integrated Device Technology STAC9750 Datasheet HTML 18Page - Integrated Device Technology STAC9750 Datasheet HTML 19Page - Integrated Device Technology STAC9750 Datasheet HTML 20Page - Integrated Device Technology STAC9750 Datasheet HTML 21Page - Integrated Device Technology STAC9750 Datasheet HTML 22Page - Integrated Device Technology STAC9750 Datasheet HTML 23Page - Integrated Device Technology STAC9750 Datasheet HTML 24Page - Integrated Device Technology STAC9750 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
21
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
5. DIGITAL INTERFACE
5.1.
AC-Link Digital Serial Interface Protocol
The STAC9750/9751 communicates to the AC'97 controller via a 5-wire, digital, serial, AC-Link inter-
face, which is a bi-directional, fixed rate, serial PCM digital stream. All digital audio streams, com-
mands and status information are communicated over this point-to-point serial interconnect. The
AC-Link handles multiple input and output audio streams, as well as control register accesses using
a time division multiplexed (TDM) scheme. The AC'97 controller synchronizes all AC-Link data trans-
action. Table 10 shows the data streams available on the STAC9750/9751:
Synchronization of all AC-Link data transactions is handled by the AC'97 controller. The STAC9750/
9751 drives the serial bit clock onto AC-Link. The AC'97 controller then qualifies with a synchroniza-
tion signal to construct audio frames.
SYNC, fixed at 48 KHz, is derived by dividing down the serial bit clock (BIT_CLK). BIT_CLK, fixed at
12.288 MHz, provides the necessary clocking granularity to support twelve 20-bit outgoing and
incoming time slots. AC-Link serial data is transitioned on each rising edge of BIT_CLK. The receiver
of AC-Link data, STAC9750/9751 for outgoing data and AC'97 controller for incoming data, samples
each serial bit on the falling edges of BIT_CLK.
The AC-Link protocol provides for a special 16-bit (13-bits defined, with 3 Reserved trailing bit posi-
tions) time slot (Slot 0) wherein each bit conveys a “slot-valid” tag for its corresponding time slot
within the current audio frame. A 1 in a given bit position of slot 0 indicates that the corresponding
time slot within the current audio frame has been assigned to a data stream, and contains valid data.
If a slot is tagged invalid, it is the responsibility of the source of the data, (STAC9750/9751 for the
input stream, AC'97 controller for the output stream), to stuff all bit positions with 0s during that slot’s
active time.
SYNC remains high for a total duration of 16 BIT_CLKs at the beginning of each audio frame. The
portion of the audio frame where SYNC is high is defined as the “Tag Phase”. The remainder of the
audio frame where SYNC is low is defined as the “Data Phase”.
Additionally, for power savings, all clock, SYNC, and data signals can be halted by the controller.
Table 10. STAC9750/9751 Available Data Streams
PCM Playback
2 output slots
2 Channel composite PCM output stream
PCM Record data
2 input slots
2 Channel composite PCM input stream
Control
2 output slots
Control register write port
Status
2 input slots
Control register read port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com