Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9750 Datasheet(PDF) 39 Page - Integrated Device Technology

Part # STAC9750
Description  VALUE-LINE TWO-CHANNEL AC??7 CODECS
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9750 Datasheet(HTML) 39 Page - Integrated Device Technology

Back Button STAC9750 Datasheet HTML 35Page - Integrated Device Technology STAC9750 Datasheet HTML 36Page - Integrated Device Technology STAC9750 Datasheet HTML 37Page - Integrated Device Technology STAC9750 Datasheet HTML 38Page - Integrated Device Technology STAC9750 Datasheet HTML 39Page - Integrated Device Technology STAC9750 Datasheet HTML 40Page - Integrated Device Technology STAC9750 Datasheet HTML 41Page - Integrated Device Technology STAC9750 Datasheet HTML 42Page - Integrated Device Technology STAC9750 Datasheet HTML 43Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
STAC9750/9751
VALUE-LINE TWO-CHANNEL AC’97 CODECS
PC AUDIO
IDT™
39
STAC9750/9751
V 5.8 103106
VALUE-LINE TWO-CHANNEL AC’97 CODECS
Used to select the record source independently for right and left.
6.5.6.
Record Gain (1Ch)
Default: 8000h (corresponding to 0 dB gain with mute on)
The 1Ch register adjusts the stereo input record gain. Each step corresponds to 1.5dB. 22.5dB cor-
responds to 0F0Fh. The MSB of the register is the mute bit. When this bit is set to 1, the level for that
channel(s) is set at -
∞dB.
6.5.7.
General Purpose (20h)
Default: 0000h
Table 19. Record Select Control Registers
Bit(s)
Reset
Name
Description
15:11
0
Reserved
Bits not used, should read back 0
10:8
0
SL2:SL0
Left Channel Input Select
000 = Mic
001 = CD In (left)
010 = Video In (left)
011 = Aux In (left)
100 = Line In (left)
101 = Stereo Mix (left)
110 = Mono Mix
111 = Phone
7:3
0
Reserved
Bits not used, should read back 0
2:0
0
SR2:SR0
Right Channel Input Select
000 = Mic
001 = CD In (right)
010 = Video In (right)
011 = Aux In (right)
100 = Line In (right)
101 = Stereo Mix (right)
110 = Mono Mix
111 = Phone
D15
D14
D13
D12
D11
D10
D9
D8
Mute
Reserved
GL3
GL2
GL1
GL0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
GR3
GR2
GR1
GR0
Table 20. Record Gain Registers
Mute
Gx3… Gx0
Function
0
1111
+22.5 dB gain
0
0000
0 dB gain
1xxxx
-
∞ gain
D15
D14
D13
D12
D11
D10
D9
D8
POP BYP
RSRVD
3D
Reserved
MIX
MS
D7
D6
D5
D4
D3
D2
D1
D0
LPBK
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com