Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS0001 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFS0001
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFS0001 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFS0001 Datasheet HTML 1Page - Balluff Korea Ltd. BFS0001 Datasheet HTML 2Page - Balluff Korea Ltd. BFS0001 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photoelectric Sensors
BFS 26K-PS-L01-S115
Order Code: BFS0001
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-07
Subject to change without notice: 123939
ETIM 6.0: EC001817
BFS0001_0.7_2024-10-10
1 / 3
1) Display and control panel, 2) Optical axis emitter, 3) Optical axis receiver, 4) rotatable 270°
Basic features
Approval/Conformity
CE
cULus
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Color sensor
Series
26K
Style
Square
Connection can be rotated
Display/Operation
Adjuster
Key (2x)
Display
Output function- LED yellow (3x)
Ready - LED green
Tolerance level: LED red (3x)
Setting
Normal mode/ET
Color teach-in mode/Color scan
Color (switchpoint)
Color channel (output)
Color tolerance level
Time function on/off
Factory setting (Reset)
Electrical connection
Connection
Connector, M12x1-Male, 8-pin
Polarity reversal protected
yes
Short-circuit protection
yes


Similar Part No. - BFS0001

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFS000M BALLUFF-BFS000M Datasheet
102Kb / 2P
Photoelectric Sensors
2024-10-16
BFS000P BALLUFF-BFS000P Datasheet
98Kb / 2P
Photoelectric Sensors
2025-03-27
More results

Similar Description - BFS0001

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com