Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS0001 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BFS0001
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFS0001 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BFS0001 Datasheet HTML 1Page - Balluff Korea Ltd. BFS0001 Datasheet HTML 2Page - Balluff Korea Ltd. BFS0001 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BFS 26K-PS-L01-S115
Order Code: BFS0001
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-07
Subject to change without notice: 123939
ETIM 6.0: EC001817
BFS0001_0.7_2024-10-10
2 / 3
Electrical data
Input function
Emitter on/off
Key disable on/off
Teach color (switchpoint)
No-load current Io max. at Ue
40 mA
Operating voltage Ub
12...28 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ready delay tv max.
300 ms
Ripple max. (% of Ue)
10 %
Switching frequency
500 Hz
Turn-off delay toff max.
1.0 ms
Turn-on delay ton max.
1.0 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2.4 V
Environmental conditions
Ambient temperature
-10...55 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
7 a
Interface
Duration of time function
50 ms
Supplementary output
Acknowledgment output PNP
Switch function, supplementary output
Normally open (NO)
Switching output
3x PNP normally open (NO)
Time function
switch-off delay
Material
Housing material
ABS
Material sensing surface
PMMA
Mechanical data
Dimension
17 x 50 x 50 mm
Mounting part
Screw M4
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Focused
Color resolution tolerance
Adjustable in 5 steps
Light spot size
Ø 4 mm at 22 mm
Light type
White light
Principle of optical operation
Diffuse sensor, fixed focus
Range/Distance
Range
12...32 mm
Sensing distance tolerance
±6 mm at 22 mm, tolerance level 3
Remarks
Do not press key using a pointed tool.
Order accessories separately.
For additional information, refer to user's guide.
With connector, e.g. BKS-S 138-… total length = switch length +17.5 mm.
Reference object (target): gray card, 100 x 100, 18 % remission, axial approach.
The sensor is functional again after the overload has been eliminated.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Connector Drawings



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com