Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C148-20LSM Datasheet(PDF) 6 Page - Pyramid Semiconductor Corporation

Part # P4C148-20LSM
Description  ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C148-20LSM Datasheet(HTML) 6 Page - Pyramid Semiconductor Corporation

Back Button P4C148-20LSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 10Page - Pyramid Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
P4C148/P4C149
Page 6 of 10
Document # SRAM104 REV B
SELECTION GUIDE
The P4C148/P4C149 are available in the following temperature, speed and package options.
* Military temperature range with MIL-STD-883, Class B processing.
N/A = Not Available
ORDERING INFORMATION
10
12
15
20
25
35
45
55
Plastic DIP
-10PC
-12PC
-15PC
-20PC
-25PC
-35PC
-45PC
-55PC
Side Brazed DIP
-10CC
-12CC
-15CC
-20CC
-25CC
-35CC
-45CC
-55CC
CERDIP
N/A
N/A
-15DM
-20DM
-25DM
-35DM
-45DM
-55DM
Side Brazed DIP
N/A
N/A
-15CM
-20CM
-25CM
-35CM
-45CM
-55CM
LCC (290 x 430 mil)
N/A
N/A
-15LM
-20LM
-25LM
-35LM
-45LM
-55LM
LCC (295 x 335 mil)
N/A
N/A
-15LSM
-20LSM
-25LSM
-35LSM
-45LSM
-55LSM
CERDIP
N/A
N/A
-15DMB
-20DMB
-25DMB
-35DMB
-45DMB
-55DMB
Side Brazed DIP
N/A
N/A
-15CMB
-20CMB
-25CMB
-35CMB
-45CMB
-55CMB
LCC (290 x 430 mil)
N/A
N/A
-15LMB
-20LMB
-25LMB
-35LMB
-45LMB
-55LMB
LCC (295 x 335 mil)
N/A
N/A
-15LSMB
-20LSMB
-25LSMB
-35LSMB
-45LSMB -55LSMB
Speed (ns)
Military
Temperature
Military
Processed*
Temperature
Range
Package
Commercial
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com