Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4C148-20LSM Datasheet(PDF) 1 Page - Pyramid Semiconductor Corporation

Part # P4C148-20LSM
Description  ULTRA HIGH SPEED 1K x 4 STATIC CMOS RAMS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYRAMID [Pyramid Semiconductor Corporation]
Direct Link  http://www.pyramidsemiconductor.com
Logo PYRAMID - Pyramid Semiconductor Corporation

P4C148-20LSM Datasheet(HTML) 1 Page - Pyramid Semiconductor Corporation

  P4C148-20LSM Datasheet HTML 1Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 2Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 3Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 4Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 5Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 6Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 7Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 8Page - Pyramid Semiconductor Corporation P4C148-20LSM Datasheet HTML 9Page - Pyramid Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Document # SRAM104 REV B
Revised April 2007
DESCRIPTION
The P4C148 and P4C149 are 4,096-bit ultra high-speed
static RAMs organized as 1K x 4. Both devices have
common input/output ports. The P4C148 enters the
standby mode when the chip enable (CE) goes HIGH;
with CMOS input levels, power consumption is extremely
low in this mode. The P4C149 features a fast chip select
capability using CS. The CMOS memories require no
clocks or refreshing, and have equal access and cycle
times. Inputs are fully TTL-compatible. The RAMs
operate from a single 5V ± 10% tolerance power supply.
P4C148, P4C149
ULTRA HIGH SPEED 1K x 4
STATIC CMOS RAMS
FEATURES
Full CMOS, 6T Cell
High Speed (Equal Access and Cycle Times)
– 10/12/15/20/25/35/45/55 ns (Commercial)
– 15/20/25/35/45/55 ns (P4C148 Military)
Low Power Operation
Single 5V ± 10% Power Supply
Two Options
– P4C148 Low Power Standby Mode
– P4C149 Fast Chip Select Control
Common Input/Output Ports
Three-State Outputs
Fully TTL Compatible Inputs and Outputs
Standard Pinout (JEDEC Approved)
– 18 Pin 300 mil DIP
– 18 Pin LCC (295 x 335 mil) [P4C148 only]
– 18 Pin LCC (290 x 430 mil)
FUNCTIONAL BLOCK DIAGRAM
PIN CONFIGURATION
Access times as fast as 10 nanoseconds are available,
permitting greatly enhanced system operating speeds.
CMOS is used to reduce power consumption when
active; for the P4C148, consumption is further reduced in
the standby mode.
The P4C148 and P4C149 are available in 18-pin 300 mil
DIP packages, as well as 2 different LCC packages,
providing excellent board level densities.
P4C148 DIP (C9, D1, P1)
P4C149 DIP (P1)
P4C148 LCC (L7, L7-1)
P4C149 LCC (L7)


Similar Part No. - P4C148-20LSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C147 ETC-P4C147 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P4C147 PYRAMID-P4C147 Datasheet
188Kb / 10P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-10CC PYRAMID-P4C147-10CC Datasheet
188Kb / 10P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-10CM PYRAMID-P4C147-10CM Datasheet
188Kb / 10P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
P4C147-10CMB PYRAMID-P4C147-10CMB Datasheet
188Kb / 10P
ULTRA HIGH SPEED 4K x 1 STATIC CMOS RAM
More results

Similar Description - P4C148-20LSM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P4C1681 ETC-P4C1681 Datasheet
59Kb / 6P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 ETC1-P4C1981 Datasheet
94Kb / 10P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
P4C168 ETC1-P4C168 Datasheet
75Kb / 8P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C163 PYRAMID-P4C163 Datasheet
321Kb / 12P
ULTRA HIGH SPEED 8K x 9 STATIC CMOS RAMS
P4C168 PYRAMID-P4C168 Datasheet
234Kb / 15P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C188 PYRAMID-P4C188 Datasheet
203Kb / 12P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C198 PYRAMID-P4C198 Datasheet
231Kb / 13P
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS
P4C1281 PYRAMID-P4C1281 Datasheet
895Kb / 11P
ULTRA HIGH SPEED 64K X 4 cmos STATIC RAMS
P4C1681 PYRAMID-P4C1681 Datasheet
194Kb / 10P
ULTRA HIGH SPEED 4K x 4 STATIC CMOS RAMS
P4C1981 PYRAMID-P4C1981 Datasheet
337Kb / 13P
ULTRA HIGH SPEED 16K x 4 CMOS STATIC RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com