Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01K3 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01K3
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01K3 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01K3 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01K3 Datasheet HTML 2Page - Balluff Korea Ltd. BOS01K3 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photoelectric Sensors
BOS 64K-AA-PR10-TG
Order Code: BOS01K3
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 224150
ETIM 6.0: EC002717
BOS01K3_0.8_2024-09-24
2 / 3
Environmental conditions
Ambient temperature
-25...55 °C
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
EN 60068-2-6, Vibration
10…55 Hz, amplitude 0.5 mm,
3x30 min
IP rating
IP67
Functional safety
MTTF (40 °C)
287 a
Interface
Duration of time function
T = 0.6…16 s
Switching output
Relay NO/NC change-over contact
Time function
switch-off delay
On/off delay
Turn-on delay
Single pulse
Material
Housing material
PBT, GF30
Material sensing surface
PC
Mechanical data
Dimension
25 x 69.7 x 100.4 mm
Mounting part
Screw M4
Tightening torque max.
1.2 Nm
Optical features
Ambient light max.
5000 Lux
Beam characteristic
Divergent
Blind zone
100 mm
LED group per IEC 62471
Exempt Group
Light type
LED, red light
Polarizing filter
yes
Principle of optical operation
Retroreflective sensor
Switching function, optical
Light-on
dark-on
Wave length
660 nm
Range/Distance
Range
0...10 m
Rated operating distance Sn
10 m, Adjustable
Remarks
For additional information, refer to user's guide.
Actuation object (target): gray card, 200 x 200, 90 % remission, lateral approach, approach direction vertical to lens axis plane.
Polarizing filters prevent spurious switching due to reflecting and shiny parts.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
n
Wiring Diagrams (Schematic)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com