Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01K3 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS01K3
Description  Photoelectric Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01K3 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS01K3 Datasheet HTML 1Page - Balluff Korea Ltd. BOS01K3 Datasheet HTML 2Page - Balluff Korea Ltd. BOS01K3 Datasheet HTML 3Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Photoelectric Sensors
BOS 64K-AA-PR10-TG
Order Code: BOS01K3
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-02
Subject to change without notice: 224150
ETIM 6.0: EC002717
BOS01K3_0.8_2024-09-24
1 / 3
1) Optical axis receiver, 2) Optical axis emitter, 3) Stability, 4) Output function, 5) Removable cover
Basic features
Approval/Conformity
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Photoelectric sensor
Series
64K
Style
Square
Connection 45°
Display/Operation
Adjuster
Potentiometer 240° (2x)
Slide switch (4x)
Display
Output function- LED yellow
Stability - LED green
Setting
Time function
Light-on/dark-on
Rated switching distance (Sn)
Electrical connection
Cable diameter D
8...10 mm
Connection
Screw terminals
Polarity reversal protected
yes
Protection against device mix-ups
yes
Electrical data
No-load current Io max. at Ue
25 mA
Operating voltage Ub
24...60 VDC/24...240 VAC
Protection class
II
Rated insulation voltage Ui
250 V AC
Rated operating current Ie
3000 mA
Rated operating voltage Ue AC
230 V
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
10 %
Switching frequency
20 Hz
Turn-off delay toff max.
25 ms
Turn-on delay ton max.
25 ms
Utilization category
AC-140


Similar Part No. - BOS01K3

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS01K2 BALLUFF-BOS01K2 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-08-23
BOS01K4 BALLUFF-BOS01K4 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-08-23
BOS01KM BALLUFF-BOS01KM Datasheet
109Kb / 2P
Photoelectric Sensors
2024-09-02
More results

Similar Description - BOS01K3

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com