Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01KM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BOS01KM
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01KM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BOS01KM Datasheet HTML 1Page - Balluff Korea Ltd. BOS01KM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BOS 18E-PA-RE20-S4
Order Code: BOS01KM
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 225949
ETIM 6.0: EC002716
BOS01KM_0.124_2024-09-02
2 / 2
Interface
Switching output
PNP normally closed (NC)
PNP normally open (NO) Pins 4-2
Material
Housing material
1.4404 stainless steel
Material sensing surface
Glass
Mechanical data
Dimension
Ø 18 x 75 mm
Mounting part
Nut M18x1
Tightening torque max.
40 Nm
Optical features
Ambient light max.
10000 Lux
Light type
LED, red light
Principle of optical operation
Through-beam sensor (receiver)
Switching function, optical
dark-on/light-on
Range/Distance
Range
0...20 m
Rated operating distance Sn
20 m
Temperature drift max. (% of Sr)
10 %
Remarks
The sensor is functional again after the overload has been eliminated.
For additional information, refer to user's guide.
Order accessories separately.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with no
warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com