Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BOS01KM Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BOS01KM
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BOS01KM Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BOS01KM Datasheet HTML 1Page - Balluff Korea Ltd. BOS01KM Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BOS 18E-PA-RE20-S4
Order Code: BOS01KM
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-01
Subject to change without notice: 225949
ETIM 6.0: EC002716
BOS01KM_0.124_2024-09-02
1 / 2
1) Optical axis receiver
Basic features
Approval/Conformity
Ecolab
CE
UKCA
cULus
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Photoelectric sensor
Reference emitter
BOS 18E-X-RS20-S4
Series
18E
Style
Cylinder
Straight optics
Display/Operation
Adjuster
no
Electrical connection
Connection
Connector, M12x1-Male, 4-pin
Contact, surface protection
Gold plated
Polarity reversal protected
yes
Protection against device mix-ups
yes
Short-circuit protection
yes
Electrical data
Load capacitance max. at Ue
0.1 µF
No-load current Io max. at Ue
30 mA
Operating voltage Ub
10...30 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
15 %
Switching frequency
400 Hz
Turn-off delay toff max.
1.25 ms
Turn-on delay ton max.
1.25 ms
Utilization category
DC -13
Voltage drop Ud max. at Ie
2.5 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 g , 11 ms, 3x6
Half-sinus, 100 gn, 2 ms, 3x8000
EN 60068-2-6, Vibration
10…2000 Hz, amplitude 1 mm, 30
gn, 3x5 h
10…55 Hz, amplitude 1 mm, 3x30
min
IP rating
IP68/IP67
IP rating per DIN 40050
IPx9K
Functional safety
MTTF (40 °C)
648 a
n


Similar Part No. - BOS01KM

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BOS01K2 BALLUFF-BOS01K2 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-08-23
BOS01K3 BALLUFF-BOS01K3 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-09-24
BOS01K4 BALLUFF-BOS01K4 Datasheet
115Kb / 3P
Photoelectric Sensors
2024-08-23
More results

Similar Description - BOS01KM

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com