Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9220 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 17Page - Integrated Device Technology STAC9220 Datasheet HTML 18Page - Integrated Device Technology STAC9220 Datasheet HTML 19Page - Integrated Device Technology STAC9220 Datasheet HTML 20Page - Integrated Device Technology STAC9220 Datasheet HTML 21Page - Integrated Device Technology STAC9220 Datasheet HTML 22Page - Integrated Device Technology STAC9220 Datasheet HTML 23Page - Integrated Device Technology STAC9220 Datasheet HTML 24Page - Integrated Device Technology STAC9220 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
21
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
1.
With +30dB Boost on, 1.00 Vrms with Boost off.
2.
Ratio of Full Scale signal to noise output with -60dB signal, measured “A weighted” over a 20 Hz to a 20 KHz
bandwidth.
3.
± 1dB limits for Line Output & 0dB gain, at -20dBV
4.
Amplitude of THD+N, measured with A-weighting filter, over 20 Hz to 20 KHz bandwidth.
5.
Ratio of Full Scale signal to idle channel noise output is measured “A weighted” over a 20 Hz to a 20 KHz
bandwidth. (AES17-1991 Idle Channel Noise or EIAJ CP-307 Signal-to-noise Ratio).
6.
Peak-to-Peak Ripple over Passband meets ± 0.25dB limits, 48 KHz Sample Frequency.
7.
Stop Band rejection determines filter requirements. Out-of-Band rejection determines audible noise.
8.
The integrated Out-of-Band noise generated by the DAC process, during normal PCM audio playback, over a
bandwidth 28.8 to 100 KHz, with respect to a 1 Vrms DAC output.
Any Analog Input to ADC (1 KHz Signal Frequency) Crosstalk
-
-70
-
dB
Spurious Tone Rejection
-
-100
-
dB
Attenuation, Gain Step Size ANALOG
-
1.5
-
dB
Attenuation, Gain Step Size DIGITAL
-
0.75
-
dB
Input Impedance
-
50
-
K
Ω
Input Capacitance
-
15
-
pF
VREFout
-
0.5 X AVdd
-
V
VREF
-
0.45 X AVdd
0.5
V
Interchannel Gain Mismatch ADC
-
-
0.5
dB
Interchannel Gain Mismatch DAC
-
-
-
dB
Gain Drift
100
-
ppm/ºC
DAC Offset Voltage
-
5
20
mV
Deviation from Linear Phase
-
10
1
deg.
All Analog Outputs Load Resistance
-
10
-
K
Ω
All Analog Outputs Load Capacitance
-
-
50
pF
HEADPHONE_OUT Load Resistance
-
32
-
Ω
HEADPHONE_OUT Load Capacitance
-
100
-
pF
Mute Attenuation
-
-
-
dB
PLL lock time
-
96
200
µsec
PLL (or Azalia Bit CLK) 24.576 MHz clock jitter
-
100
750
psec
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com