Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STAC9220 Datasheet(PDF) 79 Page - Integrated Device Technology

Part # STAC9220
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9220 Datasheet(HTML) 79 Page - Integrated Device Technology

Back Button STAC9220 Datasheet HTML 75Page - Integrated Device Technology STAC9220 Datasheet HTML 76Page - Integrated Device Technology STAC9220 Datasheet HTML 77Page - Integrated Device Technology STAC9220 Datasheet HTML 78Page - Integrated Device Technology STAC9220 Datasheet HTML 79Page - Integrated Device Technology STAC9220 Datasheet HTML 80Page - Integrated Device Technology STAC9220 Datasheet HTML 81Page - Integrated Device Technology STAC9220 Datasheet HTML 82Page - Integrated Device Technology STAC9220 Datasheet HTML 83Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 172 page
background image
STAC9220/9221/9223
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
79
STAC9220/9221/9223
V 0.96 102706
8-CHANNEL HIGH DEFINITION AUDIO CODEC
6.11.4.
ADC1 ConLstEntry
6.11.5.
ADC1 ProcState
Table 127. ADC1 ConLst Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved.
[7]
LForm
R
0x0
Connection list uses short-form (7-bit) NID
entries.
[6:0]
ConL
R
0x01
Number of NID entries in connection list.
Table 128. ADC1 ConLstEntry Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table
Table 129. ADC1 ConLstEntry Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
ConL3
R
0x00
Unused list entry.
[23:16]
ConL2
R
0x00
Unused list entry.
[15:8]
ConL1
R
0x00
Unused list entry.
[7:0]
ConL0
R
0x18
ADC1 Vol widget
Table 130. ADC1 ProcState Command Verb Format
Verb ID
Payload
Response
Get
F03
00
See bitfield table
Set1
703
See bits [7:0] of bitfield table
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com