Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS839893I Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS839893I
Description  LOW SKEW, 1-TO-13 LVCMOS/LVTTL BUFFER DIVIDER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS839893I Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS839893I Datasheet HTML 2Page - Integrated Circuit Systems ICS839893I Datasheet HTML 3Page - Integrated Circuit Systems ICS839893I Datasheet HTML 4Page - Integrated Circuit Systems ICS839893I Datasheet HTML 5Page - Integrated Circuit Systems ICS839893I Datasheet HTML 6Page - Integrated Circuit Systems ICS839893I Datasheet HTML 7Page - Integrated Circuit Systems ICS839893I Datasheet HTML 8Page - Integrated Circuit Systems ICS839893I Datasheet HTML 9Page - Integrated Circuit Systems ICS839893I Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Integrated
Circuit
Systems, Inc.
839893AYI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 8, 2005
6
ICS839893I
LOW SKEW, 1-TO-13
LVCMOS/LVTTL BUFFER DIVIDER
TABLE 5B. AC CHARACTERISTICS, V
DD = VDDO_A = VDDO_B = VDDO_C = 2.5V±5%, T
A
= -40°C TO 85°C
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDO_A = VDDO_B = VDDO_C = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
C
D0
5
2z
H
M
f
F
E
R
y
c
n
e
u
q
e
r
F
t
u
p
n
I
C
D0
5
2z
H
M
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
57
s
n
t
)
o
(
k
s
;
w
e
k
S
t
u
p
t
u
O
2
E
T
O
N
k
n
a
b
n
i
h
t
i
w
0
4s
p
k
n
a
b
-
o
t
-
k
n
a
bC
Q
s
e
d
u
l
c
x
E0
1
1s
p
C
Q
o
t
t
u
p
t
u
o
y
n
a
0
1
4s
p
t
R t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
20
0
6s
p
t
L
Z
P
t
,
H
Z
P
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
0
1s
n
t
Z
L
P
t
,
Z
H
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
0
1s
n
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
7
43
5%
f
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
O
D
D
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
2
/
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
C
D0
5
2z
H
M
f
F
E
R
y
c
n
e
u
q
e
r
F
t
u
p
n
I
C
D0
5
2z
H
M
t
D
P
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P1
E
T
O
N5
.
45
.
6s
n
t
)
o
(
k
s2
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
k
n
a
b
n
i
h
t
i
w
0
4s
p
k
n
a
b
-
o
t
-
k
n
a
bC
Q
s
e
d
u
l
c
x
E5
1
1s
p
C
Q
o
t
t
u
p
t
u
o
y
n
a
5
6
4s
p
t
R t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
20
0
6s
p
t
L
Z
P
t
,
H
Z
P
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
0
1s
n
t
Z
L
P
t
,
Z
H
P
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
0
1s
n
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
7
43
5%
f
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
X
A
M
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
V
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
O
D
D
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
2
/



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com