Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS839893I Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS839893I
Description  LOW SKEW, 1-TO-13 LVCMOS/LVTTL BUFFER DIVIDER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS839893I Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS839893I Datasheet HTML 2Page - Integrated Circuit Systems ICS839893I Datasheet HTML 3Page - Integrated Circuit Systems ICS839893I Datasheet HTML 4Page - Integrated Circuit Systems ICS839893I Datasheet HTML 5Page - Integrated Circuit Systems ICS839893I Datasheet HTML 6Page - Integrated Circuit Systems ICS839893I Datasheet HTML 7Page - Integrated Circuit Systems ICS839893I Datasheet HTML 8Page - Integrated Circuit Systems ICS839893I Datasheet HTML 9Page - Integrated Circuit Systems ICS839893I Datasheet HTML 10Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Integrated
Circuit
Systems, Inc.
839893AYI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 8, 2005
7
ICS839893I
LOW SKEW, 1-TO-13
LVCMOS/LVTTL BUFFER DIVIDER
OUTPUT ENABLE/DISABLE TIME
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDOX
2
x 100%
t
PW
QA0:5,
QB0:5, QC
SCOPE
Qx
LVCMOS
SCOPE
Qx
LVCMOS
PARAMETER MEASUREMENT INFORMATION
OUTPUT SKEW
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
-1.25V±5%
VDD,
VDDO_A,
VDDO_B,VDDO_C
1.25V±5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
1.65V±5%
-1.65V±5%
PROPAGATION DELAY
OUTPUT RISE/FALL TIME
tsk(o)
V
DDOX
2
V
DDOX
2
Qx
Qy
GND
GND
VDD,
VDDO_A,
VDDO_B,VDDO_C
t
PD
V
DD
2
V
DDOX
2
QA0:QA5,
QB0:QB5,
QC
CLK0,
CLK1
Clock
Outputs
20%
80%
80%
20%
tR
t F
1.25V
1.25V
1.25V
VOH - 0.15V
VOL
VOH
VOL
0V
2.5V
tPHZ
tPZH
Output nDPx
(See Note)
Sn
(Low-level
enabling)
NOTE: The output is high except when disabled by the Sn control.
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
BANK SKEW (where X denotes outputs in the same bank)
tsk(b)
V
DDOX
2
V
DDOX
2
QX0:QX5
QX0:QX5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com