Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3515AL-D14-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 3515AL-D14-R
Description  PC POWER SUPPLY SUPERVISOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3515AL-D14-R Datasheet(HTML) 2 Page - Unisonic Technologies

  3515AL-D14-R Datasheet HTML 1Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 2Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 3Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 4Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 5Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 6Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 7Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 8Page - Unisonic Technologies 3515AL-D14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3515A
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R502-105,A
PIN ASSIGNMENT
1
2
3
4
5
6
78
9
10
11
12
13
14
PGI
GND
FPOB
PSONB
IS12AB
RI
V12B
IS5
IS33
V12A
V33
V5
VDD
PGO
FUNCTION DESCRIPTION
PGI
PSONB
UV&OC Protection
OV Protection
FPOB
PGO
PGI<1.2V
L
No
No
L
L
PGI<1.2V
L
No
Yes
H
L
PGI<1.2V
L
Yes
No
L
L
PGI<1.2V
L
Yes
Yes
H
L
PGI>1.2V
L
No
No
L
H
PGI>1.2V
L
No
Yes
H
L
PGI>1.2V
L
Yes
No
H
L
PGI>1.2V
L
Yes
Yes
H
L
X
H
X
X
H
L
Note: FPOB=L means: fault is not latched. FPOB=H means: fault is latched
PGO=L means: fault. PGO=H means: No fault
X=do not care
PIN DESCRIPTIONS
PIN NO.
PIN NAME
TYPE
DESCRIPTION
1
PGI
Input
Power Good Input. For ATX SMPS, it detects AC line voltage through the
main transformer.
2
GND
Supply
Ground
3
FPOB
Output
Fault Protection Output. Output signal to control the primary PWM IC through
an opto-coupler. When FPOB is low, the PWM IC is enabled.
4
PSONB
Input
Remote On/Off logic input from CPU or main-board. The power supply will
be turned on/off after 38mS delay.
5
IS12AB
Input
12V AB over current protection.
6
RI
Input
Reference setting. One external resistor Ri connected between RI and GND
pin will determine a reference current, IREF = 1.20/Ri, for OCP programming.
7
V12B
Input
12V over/under voltage protection.
8
IS5
Input
5V over current protection.
9
IS33
Input
3.3V over current protection
10
V12A
Input
12V over/under voltage protection.
11
V33
Input
3.3V over/under voltage protection
12
V5
Input
5V over/under voltage protection.
13
VDD
Supply
Power supply.
14
PGO
Output
Power good logic output, 0 or 1(open-drain). Power good=1 means that the
power supply is good for operation. The power good delay is 300mS.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com